Electronic Components Datasheet Search
  English  ▼

X  

9422CSF70 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # 9422CSF70
Description  Accurate and reliable control of motors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

9422CSF70 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button 9422CSF70 Datasheet HTML 13Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 14Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 15Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 16Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 17Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 18Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 19Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 20Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
For other versions, please consult with your localSchneider Electric /
Square D sales office: visit www.us.telemanique.com.
5/16
5
Thermal overload relays, model k
adjustable from 0.11 to 12 A
Connection by screw clamp terminals, direct mounting on contactors LC1K, manual or automatic reset
Relay setting range
Fuses to be used with selected relay (international applications only) (5)
Catalog number
Class 10 A
aM
gG
BS88
0.11–0.16 A
0.25 A
0.5 A
-
LR2K0301
0.16–0.23 A
0.25 A
0.5 A
-
LR2K0302
0.23–0.36 A
0.5 A
1 A
-
LR2K0303
0.36–0.54 A
1 A
1.6 A
-
LR2K0304
0.54–0.8 A
1 A
2 A
-
LR2K0305
0.8–1.2 A
2 A
4 A
6 A
LR2K0306
1.2–1.8 A
2 A
6 A
6 A
LR2K0307
1.8–2.6 A
2 A
6 A
10 A
LR2K0308
2.6–3.7 A
4 A
10 A
16 A
LR2K0310
3.7–5.5 A
6 A
16 A
16 A
LR2K0312
5.5–8 A
8 A
20 A
20 A
LR2K0314
8–11.5 A
10 A
25 A
20 A
LR2K0316
Thermal overload relays for use on class 10 A unbalanced loads: for above catalog numbers LR2K0305 to LR2K0316 only, replace the prefix LR2 with LR7.
Example LR7K0310.
Accessories
Prewiring kit
Allowing direct connection of the N.C. contact
For use on
of relay LRD01–35 or LR3D01–D35 to the contactor
LC1D09–D18
LAD7C1
LC1D25–D38
LAD7C2
Terminal blocks (1)
For clip-on mounting on 35 mm mounting rail (AM1-DP200)
LRD01–35 and LR3D01–D35
LAD7B10
or screw fixing
LRD3•••, LR3D3•••, LRD35••
LA7D3064 (2)
For independent mounting of the relay
LR2K••••
LA7K0064
Terminal block adapter
For mounting a relay beneath an LC1D115 or D150 contactor
LRD3•••, LR3D3•••, LRD35••
LA7D3058
Stop or electrical reset
Remote(3)
LRD01–35 and LR3D01–D35
LAD703• (4)
Tripping or electrical reset device
Remote(3)
All relays except LRD01–35 and LR3D01–D35
LA7D03• (4)
(1) Terminal blocks are supplied with terminals protected against direct finger contact and scre ws in the open “ready-to-tighten” position.
(2) To order a terminal block for connection by lug-clamps, the catalog n umber becomes LA7D30646.
(3) The time for which the coil of remote tripping or electrical resetting device LA76D03 or LAD703 can remain energized depends on its rest time: 1 s pulse duration with
9 s rest time; maximum pulse duration of 20 s with a rest time of 300 s. Minimum pulse time 200 ms.
(4) Catalog number to be completed by adding the code indicating the control circuit voltage.
(5) Short circuit protection for U.S. applications: circuit breakers selected in accordance with NEC and local codes; fuses selected with maximum of 400% full load current.
Standard control circuit voltages
AC supply
Volts
12
24
48
96
110
220/230
380/400
415/440
50/60 Hz. Consumption, inrush and sealed < 100 VA
-B
E
-F
M
Q
N
DC supply
Consumption, inrush and sealed < 100 W
JB
E
DD
F
M
-
-
Te
Sys
K-line
Thermal overload relays
0.11–11.5 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com