Electronic Components Datasheet Search
  English  ▼

X  

9422CSF70 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # 9422CSF70
Description  Accurate and reliable control of motors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

9422CSF70 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button 9422CSF70 Datasheet HTML 24Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 25Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 26Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 27Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 28Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 29Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 30Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 31Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
For other versions, please consult with your local Schneider Electric agency/
Square D sales office: visit www.us.telemanique.com.
5/27
5
Instantaneous auxiliary contact blocks
■ Clip-on front mounting, 1 block per control relay
Type of Connection
Contact Configuration
Catalog number
■ Auxiliary contact module not suitable for safety circuits
N.O.
N.C.
20
LA1KN20
02
LA1KN02
11
LA1KN11
screw clamp
40
LA1KN40 (1)
31
LA1KN31 (1)
22
LA1KN22 (1)
13
LA1KN13 (1)
04
LA1KN04 (1)
20
LA1KN203
02
LA1KN023
11
LA1KN113
spring terminals
40
LA1KN403 (1)
31
LA1KN313 (1)
22
LA1KN223 (1)
13
LA1KN133 (1)
04
LA1KN043 (1)
20
LA1KN207
02
LA1KN027
11
LA1KN117
Slip-on 1 x 6.35 or 2 x 2.8
40
LA1KN407 (1)
31
LA1KN317 (1)
22
LA1KN227 (1)
13
LA1KN137 (1)
04
LA1KN047 (1)
(1) Not to be used on CA4KN relays
Electronic time delay contact blocks
■ Relay output, with common point changeo ver contact, 240 VAC / VDC, 2 A maximum.
■ Control voltage: 0.85–1.1 Uc.
■ Maximum switching capacity: 250VA or 150W.
■ Operating temperature: - 10 to + 60 °C (+14° F to 140° F).
■ Reset time: 1.5 sec.dur ing the time delay period, 0.5 sec. after the time delay.
■ Clip-on front mounting, 1 block per control relay
Voltage
Type
Timing Range
Composition C.O.
Catalog number
24–48 VAC / VDC
On-delay
1–30 seconds
1
LA2KT2E
110–240 VAC
On-delay
1–30 seconds
1
LA2KT2U
For additional options and information, reference catalog 8501CT0101.
IEC type
industrial
control relays



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com