Electronic Components Datasheet Search
  English  ▼

X  

9422CSF70 Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # 9422CSF70
Description  Accurate and reliable control of motors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

9422CSF70 Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button 9422CSF70 Datasheet HTML 42Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 43Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 44Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 45Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 46Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 47Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 48Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 49Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 50Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 47 / 50 page
background image
For other versions, please consult with your localSchneider Electric/
Square D sales office: visit www.us.telemanique.com.
5/46
5
Industrial control relays
AC relays
NEMA Type
(1) Standard AC control circuit voltages:
Volts
24
110
120
208
220
50 Hz
V12
V02
–
–
V03
60 Hz
V01
–
V02
V08
–
Volts
240
440
480
550
600
50 Hz
–
V06
–
V07
–
60 Hz
V03
–
V06
–
V07
Example: 8501XO20 V02.
AC Control rela y
AC Latching rela y
Continuous Load Rating
Normally Open Convertible
Basic catalog number complete with code
Basic catalog number complete with code
Inductive / resistive
Instantaneous Contacts
indicating control circuit voltage (1)
indicating control circuit voltage (1)
10 A / 10 A
0
8501XO00
ppp
ppp
ppp
ppp
ppp
–
2
8501XO20
ppp
ppp
ppp
ppp
ppp
8501XO20XL
ppp
ppp
ppp
ppp
ppp
3
8501XO30
ppp
ppp
ppp
ppp
ppp
8501XO30XL
ppp
ppp
ppp
ppp
ppp
4
8501XO40
ppp
ppp
ppp
ppp
ppp
8501XO40XL
ppp
ppp
ppp
ppp
ppp
6
8501XO60
ppp
ppp
ppp
ppp
ppp
8501XO60XL
ppp
ppp
ppp
ppp
ppp
8
8501XO80
ppp
ppp
ppp
ppp
ppp
8501XO80XL
ppp
ppp
ppp
ppp
ppp
10
8501XO1000
ppp
ppp
ppp
ppp
ppp
–
12
8501XO1200
ppp
ppp
ppp
ppp
ppp
–
A maximum of 8 N.C. contacts is allowed on 9–12 pole relays.
Note: Unlatch coil is rated for intermittent duty and should be connected through a N.O. contact of the relay if the input signal is maintained. Order one more N.O. contact than
the application requires to use as a coil clearing contact.
DC relays
DC Control relay
DC Latching relay
Continuous Load Rating
Normally Open Convertible
Basic catalog number complete with code
Basic catalog number complete with code
Inductive / resistive
Instantaneous Contacts
indicating control circuit voltage (2)
indicating control circuit voltage (2)
5 A / 5 A
0
8501XDO00
ppp
ppp
ppp
ppp
ppp
–
2
8501XDO20
ppp
ppp
ppp
ppp
ppp
8501XDO20XDL
ppp
ppp
ppp
ppp
ppp
4
8501XDO40
ppp
ppp
ppp
ppp
ppp
8501XDO40XDL
ppp
ppp
ppp
ppp
ppp
6
8501XDO60
ppp
ppp
ppp
ppp
ppp
8501XDO60XDL
ppp
ppp
ppp
ppp
ppp
8
8501XDO80
ppp
ppp
ppp
ppp
ppp
8501XDO80XDL
ppp
ppp
ppp
ppp
ppp
Note: Unlatch coil is rated for intermittent duty and should be connected through a N.O. contact of the relay if the input signal is maintained. Order one more N.O. contact than
the application requires to use as a coil clearing contact.
For additional infor mation, reference catalog 8501CT9601.
(2) Standard DC control circuit voltages:
Volts
12
24
48
72
V51
V53
V56
V58
Volts
115
125
230
250
V62
V62
V66
V66
Example: 8501XDO80V53.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com