Electronic Components Datasheet Search
  English  ▼

X  

9422CSF70 Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # 9422CSF70
Description  Accurate and reliable control of motors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

9422CSF70 Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button 9422CSF70 Datasheet HTML 33Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 34Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 35Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 36Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 37Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 38Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 39Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 40Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
For other versions, please consult with your localSchneider Electric/
Square D sales office: visit www.us.telemanique.com.
5/36
5
Solid State Overload Relays
Motor Logic®
Base units
NEMA Type
Type
Base units
Base units for retr ofit
for separate mounting
to Type S starters (2)
NEMA Size
Full load
Type
Catalog number
Catalog number
3-phase
current range
00C (1)
3–9 A
Trip Class 10
9065SSC10
9065SSC10
Trip Class 20
9065SSC20
9065SSC20
0 (1)
6–18 A
Trip Class 10
9065SS010
9065SS010
Trip Class 20
9065SS020
9065SS020
1 (1)
9–27 A
Trip Class 10
9065SS110
9065SS110
Trip Class 20
9065SS120
9065SS120
2
15–45 A
Trip Class 10
9065SS210
9065SR210
Trip Cass 20
9065SS220
9065SR220
3
30–90 A
Trip Class 10
9065SS310
9065SR310
Trip Class 20
9065SS320
9065SR320
4
45–135 A
Trip Class 10
9065SS410
9065SR410
Trip Cass 20
9065SS420
9065SR420
Motor Logic
feature units
Type
Feature units
Feature units
for separate mounting
for retr ofit to Type S starters (2)
NEMA Size
Full load
Type
Catalog number
Catalog no.
3-phase
current range
00B (1)
1.5–4.5 A
Trip Class 10/20
9065SFB20
9065SFB20
00C (1)
3–9 A
Trip Class 10/20
9065SFC20
9065SFC20
0 (1)
6–18 A
Trip Class 10/20
9065SF020
9065SF020
1 (1)
9–27 A
Trip Class 10/20
9065SF120
9065SF120
2
15–45 A
Trip Class 10/20
9065SF220
9065ST220
3
30–90 A
Trip Class 10/20
9065SF320
9065ST320
4
45–135 A
Trip Class 10/20
9065SF420
9065ST420
5 (3)
90–270 A
Trip Class 10/20
–
9065ST520
6(3)
180–540 A
Trip Class 10/20
–
9065ST620
7 (3)
270–810 A
Trip Class 10/20
–
9065ST720
(1) For power connection kit, see table on page opposite.
(2) For Type S star ter catalog numbers, see page 5/30.
(3) Replacement for existing Type S star ters with an existing Motor Logic® solid state overload relay. Does not include primary current transformer or additional components.
For additional infor mation, reference catalog 9065CT9701.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com