Electronic Components Datasheet Search
  English  ▼

X  

9422CSF70 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # 9422CSF70
Description  Accurate and reliable control of motors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

9422CSF70 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button 9422CSF70 Datasheet HTML 41Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 42Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 43Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 44Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 45Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 46Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 47Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 48Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 50 page
background image
For other versions, please consult with your localSchneider Electric/
Square D sales office: visit www.us.telemanique.com.
5/44
5
Accessories
Replacement parts kits
NEMA Type
Type
Replacement
parts kits
Description
For use with
Number of poles
Catalog number
NEMA Siz e
in the kit
Class
Type
or current
Replacement parts kits
8502, 8536, 8538,
SA (Series B)
00
3
9998SJ1
(the kit contains the moving and
8539, 8702, 8736
SB
0
3
9998SL2
stationary contacts, contact
4
9998SL12
springs and necessar y hardware)
SB, SC (po wer pole adder)
0 and 1
1
9998SL22
SC
1 and 1P
3
9998SL3
14
9998SL13
SD
2
3
9998SL4
4
9998SL14
SD (power pole adder)
2
1
9998SL24
SE
3
2
9998SL6
3
9998SL7
SF
4
2
9998SL8
3
9998SL9
SG
5
2
9998SL10
3
9998SL11
SH
6
2
9998SL25
3
9998SL26
SJ
7
2
9998SL30
3
9998SL31
8903
L (Series C) and LX (Series B)
20 A
4
9998RA5B
SM
30 A
3
9998SL3
4
9998SL13
SP
60 A
3
9998SL4
4
9998SL14
SQ
100 A
2
9998SL6
3
9998SL7
SV
200 A
2
9998SL8
3
9998SL9
SX
300 A
2
9998SL10
3
9998SL11
SY
400 A
2
9998SL25
3
9998SL26
SZ
600 A
2
9998SL32
3
9998SL33
SJ
800 A
2
9998SL30
3
9998SL31
8910
DPA 1
ppppp
20 A
1
9998DRC1
DPA 2
ppppp
25 A
1
9998DRC2
DPA 3
ppppp
30 A
1
9998DRC3
DPA 4
ppppp
40 A
1
9998DRC4
DPA 5
ppppp
50 A
1
9998DRC5
DPA 6
ppppp
60 A
1
9998DRC6
DPA 7
ppppp
75 A
1
9998DRC7
DPA 9
ppppp
90 A
1
9998DRC9
DPA 123
120 A
1
9998DRC12
For additional infor mation, reference catalog 8502CT9701.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com