Electronic Components Datasheet Search
  English  ▼

X  

9422CSF70 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # 9422CSF70
Description  Accurate and reliable control of motors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

9422CSF70 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button 9422CSF70 Datasheet HTML 32Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 33Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 34Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 35Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 36Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 37Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 38Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 39Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
For other versions, please consult with your local Schneider Electric/
Square D sales office: visit www.us.telemanique.com.
5/35
5
Thermal-magnetic
circuit-breaker starters
NEMA 1 general purpose enclosure
(1) Standard control circuit voltages:
Volts
24
110
120
208
220
50 Hz
–
V02
–
–
V03
60 Hz
V01 (4)(5) –
V02 (4)
V08
–
Volts
240
380
440
480
600
50 Hz
–
V05
V06
–
–
60 Hz
V03
–
–
V06
V07
For 24 V and 120 V coils add the letter “S” for separate control. Example: 8539SBG1V02H10S.
Type
3-pole thermal-magnetic circuit-breaker starter s,
non-reversing
Characteristics
NEMA Standard power ratings
Circuit-breaker
Basic catalog n umber complete with code indicating
size
of 3-phase motors 50/60 Hz
control circuit voltage (1), optional Forms (2)
and “H “code (3)
Motor voltage (starter voltage)
200 V (208 V) 230 V (240 V)
460 V (480 V) 575 V (600 V)
Type
Current rating
Hp kW
Hp kW
Hp kW
Hp kW
A
0
2
1.5
2
1.5
–
–
–
–FAL
15 8539SBG1
ppp
ppp
ppp
ppp
ppp
–
–
–
–
5
3.7
5
3.7
FAL
15 8539SBG2
ppp
ppp
ppp
ppp
ppp
3
2.2
3
2.2
–
–
–
–FAL
20 8539SBG3
ppp
ppp
ppp
ppp
ppp
1
5
3.7
–
–
–
–
–
–FAL
35 8539SCG5
ppp
ppp
ppp
ppp
ppp
7.5 5.5
–
–
–
–
–
–FAL
50 8539SCG2
ppp
ppp
ppp
ppp
ppp
–
–
5
3.7
–
–
–
–FAL
30 8539SCG1
ppp
ppp
ppp
ppp
ppp
–
–
7.5 5.5
–
–
–
–FAL
45 8539SCG6
ppp
ppp
ppp
ppp
ppp
–
–
–
–
7.5 5.5
10 7.5
FAL
20 8539SCG3
ppp
ppp
ppp
ppp
ppp
–
–
–
–
10 7.5
–
–FAL
25 8539SCG7
ppp
ppp
ppp
ppp
ppp
–
–
–
–
–
–
7.5 5.5
FAL
15 8539SCG8
ppp
ppp
ppp
ppp
ppp
2
10 7.5
10 7.5
–
–
–
–FAL
60 8539SDG1
ppp
ppp
ppp
ppp
ppp
–
–
15 11
–
–
–
–FAL
80 8539SDG7
ppp
ppp
ppp
ppp
ppp
–
–
–
–
7.5 5.5
–
–FAL
20 8539SDG3
ppp
ppp
ppp
ppp
ppp
–
–
–
–
20 15
25 18,5
FAL
60 8539SDG4
ppp
ppp
ppp
ppp
ppp
–
–
–
–
25 18,5
–
–FAL
70 8539SDG5
ppp
ppp
ppp
ppp
ppp
–
–
–
–
–
–
15 11
FAL
35 8539SDG8
ppp
ppp
ppp
ppp
ppp
–
–
–
–
–
–
20 15
FAL
45 8539SDG9
ppp
ppp
ppp
ppp
ppp
3
15 11
20 15
40 30
50 37
FAL
90 8539SEG3
ppp
ppp
ppp
ppp
ppp
20 15
25 18.5
50 37
–
–
FAL
100 8539SEG1
ppp
ppp
ppp
ppp
ppp
25 18.5
30 22
–
–
–
–
KAL
110 8539SEG5
ppp
ppp
ppp
ppp
ppp
–
–
–
–
30 22
40 30
FAL
80 8539SEG6
ppp
ppp
ppp
ppp
ppp
–
–
–
–
–
–
30 22
FAL
60 8539SEG4
ppp
ppp
ppp
ppp
ppp
4
30 22
–
–
75 55
–
–
KAL
125 8539SFG3
ppp
ppp
ppp
ppp
ppp
40 30
50 37
100 75
–
–
KAL
200 8539SFG4
ppp
ppp
ppp
ppp
ppp
–
–
40 30
–
–
100 75
KAL
150 8539SFG1
ppp
ppp
ppp
ppp
ppp
–
–
–
–
60 45
75 55
KAL
110 8539SFG5
ppp
ppp
ppp
ppp
ppp
–
–
–
–
–
–
60 45
FAL
100 8539SFG6
ppp
ppp
ppp
ppp
ppp
5
50 37
–
–
–
–
150 110
LAL
200 8539SGG6
ppp
ppp
ppp
ppp
ppp
60 45
75 55
150 110
200 150
LAL
250 8539SGG1
ppp
ppp
ppp
ppp
ppp
75 55
–
–
–
–
–
–
LAL
300 8539SGG4
ppp
ppp
ppp
ppp
ppp
–
–
60 45
125 90
–
–
LAL
225 8539SGG3
ppp
ppp
ppp
ppp
ppp
–
–
100 75
200 150
–
–
LAL
350 8539SGG2
ppp
ppp
ppp
ppp
ppp
–
–
–
–
–
–
125 90
KAL
200 8539SGG7
ppp
ppp
ppp
ppp
ppp
6
100 75
125 90
250 185
300 220
MAL
450 8539SHG4
ppp
ppp
ppp
ppp
ppp
125 90
150 110
300 220
400 300
MAL
600 8539SHG3
ppp
ppp
ppp
ppp
ppp
150 110
–
–
350 250
–
–
MAL
600 8539SHG5
ppp
ppp
ppp
ppp
ppp
–
–
200 150
400 300
–
–
MAL
800 8539SHG7
ppp
ppp
ppp
ppp
ppp
–
–
–
–
–
–
250 185
MAL
250 8539SHG6
ppp
ppp
ppp
ppp
ppp
–
–
–
–
–
–
350 250
MAL
500 8539SHG2
ppp
ppp
ppp
ppp
ppp
7
–
–
250 185
500 370
600 450
MAL
900 8539SJG2
ppp
ppp
ppp
ppp
ppp
–
–
300 220
600 450
–
–
MAL
1000
8539SJG3
ppp
ppp
ppp
ppp
ppp
–
–
–
–
–
–
500 370
MAL
800 8539SJG1
ppp
ppp
ppp
ppp
ppp
(2) For optional Forms, please consult your nearest Schneider Electric/Square D sales office.
(3) Add the letter “H” for Motor Logic® solid state over load relays, see page 5/30.
Motor Logic
® PLUS solid state overload rela ys are not available on combination star ters.
(4) For this voltage code, add the letter “ S” (separ ate contol).
(5) 24 V coil not availab le for sizes 4 to 6. Available for sizes 0 to 3, specify letter “ S” (separate contol).
For additional information, reference catalog 8538CT9701.
NEMA Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com