Electronic Components Datasheet Search
  English  ▼

X  

9422CSF70 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # 9422CSF70
Description  Accurate and reliable control of motors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

9422CSF70 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button 9422CSF70 Datasheet HTML 8Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 9Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 10Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 11Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 12Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 13Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 14Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 15Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
For other versions, please consult with your local Schneider Electric/
Square D sales office: visit www.us.telemanique.com.
5/11
5
Accessories
Combination block
For mounting on
LC1K or LP1K
LC1D09–D38
LAD31 and LC1D09–D38
GV2AF01
GV2AF3
GV2AF4
Sets of 3-pole busbars
63 A
Pitch
45 mm
54 mm
72 mm
Number of tap-offs
2
GV2G245
GV2G254
GV2G272
3
GV2G345
GV2G354
4
GV2G445
GV2G454
GV2G472
5
GV2G554
Protective end cover
For unused busbar outlets
GV1G10
Terminal blocks
For supply to one or more GV2G busbar sets
connection from the top
can be fitted with current limiter GV1L3 (GV2ME and GV2P)
GV1G09
GV1G05
Padlockable external operator for GV2P (150 to 290 mm)
Padlocking
In “On” and “Off ” position
In “Off ” position
Handle
black
red
Legend plate
blue
yellow
IP 54
GV2AP01
GV2AP02
Padlocking device
For all GV2 devices
For use with up to 6 padlocks (padlocks not supplied) Ø 6 mm shank max
GV2V03
Add-on blocks
Contact blocks
Contact types
N.O. or N.C.
N.O. + N.C.
N.O. + N.O.
(fault) + N.C.
N.C. + N.O.
C.O. common
Instantaneous auxiliary contacts
point
Mounting
front
GVAE1
GVAE11
GVAE20
LH side
GVAN11
GVAN20
Fault signalling contact + instantaneous auxiliary contact
LH side
GVAD1010
GVAD1001
GVAD0110
GVAD0101
Short-circuit signalling contact
LH side
GVAM11
Electric trips
Undervoltage or shunt trips (1)
Side mounting (1 block on RH side of circuit-breaker)
50 Hz
60 Hz
Voltage (AC)
24 V
GVA
•025
GVA
•026
48 V
GVA
•055
GVA
•056
100 V
GVA
•107
100–110 V
GVA
•107
110–115 V
GVA
•115
GVA
•116
120–127 V
GVA
•125
127 V
GVA
•115
200 V
GVA
•207
200–220 V
GVA
•207
220–240 V
GVA
•225
GVA
•226
380–400 V
GVA
•385
GVA
•386
415–440 V
GVA
•415
415 V
GVA
•416
(1) Undervoltage trips: replace the
• with U, shunt trips: replace the • with S
Te
Sys
Type GVZME
and GV2P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com