Electronic Components Datasheet Search
  English  ▼

X  

9422CSF70 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # 9422CSF70
Description  Accurate and reliable control of motors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

9422CSF70 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button 9422CSF70 Datasheet HTML 42Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 43Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 44Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 45Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 46Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 47Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 48Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 49Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 50Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 46 / 50 page
background image
For other versions, please consult with your local Schneider Electric/
Square D sales office: visit www.us.telemanique.com.
5/45
5
External auxiliary contacts
Type
External
contact kits
Description
For use with
Type of contact
Catalog number
Class
Type
NEMA size or current
External conver tible contact kits
8502, 8702,
SA to SJ
00 to 7
1 N.O. contact
9999SX6
8536, 8736
1 N.C. contact
9999SX7
8903 (Type S only) SM to SJ
30–800 A
2 isolated contacts 1 N.O. and 1 N.C.9999SX8
1 N.O. overlapping contact
9999SX9 (1)
1 N.C. overlapping contact
9999SX10 (1)
External non-convertible contact kits
8502, 8702,
SA to SJ
00 to 7
1 N.O. contact
9999SX13
8536, 8736
1 N.C. contact
9999SX14
8903 (Type S only) SM to SJ
30–800 A
2 isolated contacts 1 N.O. and 1 N.C.9999SX15
1 N.O. overlapping contact
9999SX16 (1)
1 N.C. overlapping contact
9999SX17 (1)
(1) These products must be used together and must be mounted on the same side of the contactor. They are suitable for applications where it is necessary for a N.O. contact to overlap
a N.C. contact.
External auxiliary contacts
Type
External auxiliary
contacts
Description
For use with
Type of contact
Catalog number
Class
Type
External auxiliary contacts
8910
DPA
1 N.O. contact
9999D10
1 N.C. contact
9999D01
2 isolated contacts 1 N.O. and 1 N.C.
9999D11
2 N.O. contacts
9999D20
DPA122/123
1 N.O. contact
9999SX6
1 N.C. contact
9999SX7
2 isolated contacts 1 N.O. and 1 N.C.
9999SX8
1 N.O. overlapping contact
9999SX9
1 N.C. overlapping contact
9999SX10
For additional information, reference catalog 8502CT9701.
NEMA Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com