Electronic Components Datasheet Search
  English  ▼

X  

9422CSF70 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # 9422CSF70
Description  Accurate and reliable control of motors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

9422CSF70 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button 9422CSF70 Datasheet HTML 36Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 37Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 38Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 39Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 40Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 41Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 42Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 43Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 50 page
background image
For other versions, please consult with your local Schneider Electric/
Square D sales office: visit www.us.telemanique.com.
5/39
5
4-pole contactors
Type
4-pole contactors
with 2 N.O. and 2 N.C. poles
Full
Locked rotor
Resistive Motor power
N.O.
N.C.
Basic catalog number
load
current
load
115 V
230 V
230 V460/575 V
poles
poles
complete with code indicating
current
277 V 480 V 575 V
current
single-phase single-phase 3-phase
3-phase
(3)
(7)
control circuit voltage (1)
A
AAA
A
Hp
kW
Hp
kW
Hp
kW
Hp
kW
20
120
100
80
25
1
0.75
2
1.5
5
3.7
7.5
5.5
2
2
8910DPA14
ppp
ppp
ppp
ppp
ppp Y392
25
150
125
100
35
2
1.5
3
2.2
7.5
5.5
10
7.5
2
2
8910DPA24
ppp
ppp
ppp
ppp
ppp Y392
30
180
150
120
40
2
1.5
5
3.7
10
7.5
15
11
2
2
8910DPA34
ppp
ppp
ppp
ppp
ppp Y392
40
240
200
160
50
3
2.2
7.5
5.5
10
7.5
20
15
2
2
8910DPA44
ppp
ppp
ppp
ppp
ppp Y392
Accessories
Type
External auxiliar y contacts
For use on
Description
Catalog number
8910DPA
1 N.O. contact
9999D10
1 N.C. contact
9999D01
1 N.O. and 1 N.C. contacts
9999D11
2 N.O. contacts
9999D20
8910DPA122/123
1 N.O. contact
9999SX6
1 N.C. contact
9999SX7
1 N.O. and 1 N.C. isolated contacts
9999SX8
1 N.O. overlapping contact
9999SX9
1 N.C. over lapping contact
9999SX10
(1) Standard control circuit voltages for 8910DP/DPA :
Volts
24
110
120
208-240 220
277
440
480
550
600
50 Hz
V14
V02
–
–
V09
–
V06 (4)
–
V07 (5)
–
60 Hz
V14
–
V02
V09
–
V04
–
V06 (4)
–
V07 (5)
Standard control circuit voltage for 8910DPA122/DPA123:
Volts
24
110
120
208
220
230-240 440
480
550
600
50 Hz
V12
V02
–
–
V03
–
V06
–
V07
–
60 Hz
V01 (6)
–
V02
V08
–
V03
–
V06
–
V07
(2) 50 A resistive limited to 277 V (single pole device only). All other contactors r ated 40 A resistive (above 277 V).
(3) Above 240 V, all lines must be switched.
(4) Not available for type 8910DP11 to 8910DP31 single-pole devices .
(5) Not availab le for type 8910DP single and 2-pole devices .
(6) Only availab le on types 8910DPA122/DPA123.
(7) N.C. poles on outside. N.C. poles “open” before N.O. poles “close”.
For additional information, reference catalog 8910CT9301R6/97.
NEMA Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com