Electronic Components Datasheet Search
  English  ▼

X  

9422CSF70 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # 9422CSF70
Description  Accurate and reliable control of motors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

9422CSF70 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button 9422CSF70 Datasheet HTML 37Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 38Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 39Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 40Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 41Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 42Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 43Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 44Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 50 page
background image
For other versions, please consult with your localSchneider Electric/
Square D sales office: visit www.us.telemanique.com.
5/40
5
Lighting contactors
Multipole contactors
Types L and LX
NEMA Type
Type
Multipole contactors, open style,
Multipole contactors, open style,
electrically held (2)
mechanically held (2)
Thermal operating
Number of poles (3)
Basic catalog number complete with code
Basic catalog number complete with code
current (A)
indicating control circuit voltage (1)
indicating control circuit voltage (1)
20
2
8903LO20
ppp
ppp
ppp
ppp
ppp
8903LXO20
ppp
ppp
ppp
ppp
ppp
3
8903LO30
ppp
ppp
ppp
ppp
ppp
8903LXO30
ppp
ppp
ppp
ppp
ppp
4
8903LO40
ppp
ppp
ppp
ppp
ppp
8903LXO40
ppp
ppp
ppp
ppp
ppp
6
8903LO60
ppp
ppp
ppp
ppp
ppp
8903LXO60
ppp
ppp
ppp
ppp
ppp
8
8903LO 80
ppp
ppp
ppp
ppp
ppp
8903LXO80
ppp
ppp
ppp
ppp
ppp
10
8903LO1000
ppp
ppp
ppp
ppp
ppp
8903LXO1000
ppp
ppp
ppp
ppp
ppp
12
8903LO1200
ppp
ppp
ppp
ppp
ppp
8903LXO1200
ppp
ppp
ppp
ppp
ppp
Multipole contactors Type S
(1) Standard control circuit voltages:
Volts
24 (4)
110
120
208
220
50 Hz
–
V02
–
–
V03
60 Hz
V01
–
V02
V08
–
Volts
240
277
440
480
50 Hz
–
–
V06
–
60 Hz
V03
V04
–
V06
For Forms and kits, please consult your nearest Square D/Schneider Electr ic sales office.
Type
Multipole contactors, open style,
Multipole contactors, open style,
electrically held (2)
mechanically held (2)
Thermal operating
Number of poles
Basic catalog number complete with code
Basic catalog number complete with code
current (A)
indicating control circuit voltage (1)
indicating control circuit voltage (1)
30
2
8903SMO1
ppp
ppp
ppp
ppp
ppp
8903SMO10
ppp
ppp
ppp
ppp
ppp
3
8903SMO2
ppp
ppp
ppp
ppp
ppp
8903SMO11
ppp
ppp
ppp
ppp
ppp
4
8903SMO3
ppp
ppp
ppp
ppp
ppp
8903SMO12
ppp
ppp
ppp
ppp
ppp
5
8903SMO4
ppp
ppp
ppp
ppp
ppp
8903SMO13
ppp
ppp
ppp
ppp
ppp
60
2
8903SPO1
ppp
ppp
ppp
ppp
ppp
8903SPO10
ppp
ppp
ppp
ppp
ppp
3
8903SPO2
ppp
ppp
ppp
ppp
ppp
8903SPO11
ppp
ppp
ppp
ppp
ppp
4
8903SPO3
ppp
ppp
ppp
ppp
ppp
8903SPO12
ppp
ppp
ppp
ppp
ppp
5
8903SPO4
ppp
ppp
ppp
ppp
ppp
8903SPO13
ppp
ppp
ppp
ppp
ppp
100
2
8903SQO1
ppp
ppp
ppp
ppp
ppp
8903SQO10
ppp
ppp
ppp
ppp
ppp
3
8903SQO2
ppp
ppp
ppp
ppp
ppp
8903SQO11
ppp
ppp
ppp
ppp
ppp
4
8903SQO3
ppp
ppp
ppp
ppp
ppp
8903SQO12
ppp
ppp
ppp
ppp
ppp
5
8903SQO4
ppp
ppp
ppp
ppp
ppp
8903SQO13
ppp
ppp
ppp
ppp
ppp
200
2
8903SVO1
ppp
ppp
ppp
ppp
ppp
8903SVO10
ppp
ppp
ppp
ppp
ppp
3
8903SVO2
ppp
ppp
ppp
ppp
ppp
8903SVO11
ppp
ppp
ppp
ppp
ppp
4
8903SVO3
ppp
ppp
ppp
ppp
ppp
8903SVO12
ppp
ppp
ppp
ppp
ppp
5
8903SVO4
ppp
ppp
ppp
ppp
ppp
–
300
2
8903SXO1
ppp
ppp
ppp
ppp
ppp
8903SXO13
ppp
ppp
ppp
ppp
ppp
3
8903SXO2
ppp
ppp
ppp
ppp
ppp
8903SXO14
ppp
ppp
ppp
ppp
ppp
400 (5)
2
8903SYO1
ppp
ppp
ppp
ppp
ppp
8903SYO16
ppp
ppp
ppp
ppp
ppp
3
8903SYO2
ppp
ppp
ppp
ppp
ppp
8903SYO17
ppp
ppp
ppp
ppp
ppp
600 (5)
2
8903SZO1
ppp
ppp
ppp
ppp
ppp
8903SZO18
ppp
ppp
ppp
ppp
ppp
3
8903SZO2
ppp
ppp
ppp
ppp
ppp
8903SZO19
ppp
ppp
ppp
ppp
ppp
800 (5)
2
8903SJO1
ppp
ppp
ppp
ppp
ppp
8903SJO10
ppp
ppp
ppp
ppp
ppp
3
8903SJO2
ppp
ppp
ppp
ppp
ppp
8903SJO11
ppp
ppp
ppp
ppp
ppp
(2) All lighting contactors are provided with separate control as standard, except electrically held 400, 600 and 800 A devices .
Electrically held 400, 600 and 800 A devices are provided with common control.
(3) For factory conversion of N.O. contacts to N.C., order following this example: for 2 N.O. + 2 N.C., order catalog no. 8903LO22.
There is a maximum of eight N.C. poles for Type 8903L contactors and a maximum of six N.C. poles for Type 8903LX contactors (field con version only).
Versions are availab le with up to 12 N.C. poles (factory only).
(4) 24 V coils are not availab le for 200–800 A devices.
(5) Form F4T is provided as standard on electrically held devices 400–800 A; include line voltage when ordering. Control voltage is 120–60.
For 400–800 A devices—must specify line voltage, not control voltage.
For additional information, reference catalog 8903CT9701.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com