Electronic Components Datasheet Search
  English  ▼

X  

9422CSF70 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # 9422CSF70
Description  Accurate and reliable control of motors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

9422CSF70 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button 9422CSF70 Datasheet HTML 29Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 30Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 31Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 32Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 33Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 34Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 35Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 36Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
For other versions, please consult with your localSchneider Electric/
Square D sales office: visit www.us.telemanique.com.
5/32
5
NEMA Type
Combination starters
3-pole disconnect switch starters
NEMA 1 general purpose enclosure
NEMA 12 dust-tight and drip-tight
industrial use enclosure
Type
3-pole starters
3-pole starters,
3-pole starters,
3-pole starters,
non-reversing
non-reversing
non-reversing
non-reversing
with Class H fuses with Class R fuses with Class H fuses with Class R
fuses
Characteristics
Size
Standard power ratings
Fuse Basic catalog number
Basic catalog number
Basic catalog number
Basic catalog number
NEMA of 3-phase motors 50/60 Hz
size complete with code
complete with code
complete with code
complete with code
indicating control
indicating control
indicating
indicating
circuit voltage (1)
circuit voltage (1)
circuit voltage (1)
circuit voltage (1)
optional Forms (2)
and optional Forms (2)
optional Forms (2)
and optional Forms (2)
Motor voltage (star ter voltage)
and H code (3)
and H code (3)
200 V (208 V) 230 V (240 V) 460 V (480 V) 575 V (600 V)
Hp kW
Hp kW
Hp kW
Hp kW
A
0
3
2.2
3
2.2
–
–
–
–30 8538SBG12
ppp
ppp
ppp
ppp
ppp
8538SBG32
ppp
ppp
ppp
ppp
ppp
8538SBA (4) 2
ppp
ppp
ppp
ppp
ppp
8538SBA (5) 2
ppp
ppp
ppp
ppp
ppp
–
–
–
–
5
3.75
5
3.75
30 8538SBG13
ppp
ppp
ppp
ppp
ppp
8538SBG33
ppp
ppp
ppp
ppp
ppp
8538SBA (4) 3
ppp
ppp
ppp
ppp
ppp
8538SBA (5) 3
ppp
ppp
ppp
ppp
ppp
1
5
3.75
5
3.75
–
–
–
–30 8538SCG12
ppp
ppp
ppp
ppp
ppp
8538SCG32
ppp
ppp
ppp
ppp
ppp
8538SCA (4) 2
ppp
ppp
ppp
ppp
ppp
8538SCA (5) 2
ppp
ppp
ppp
ppp
ppp
–
–
–
–
10 7.5
10
7.5
30 8538SCG14
ppp
ppp
ppp
ppp
ppp
8538SCG34
ppp
ppp
ppp
ppp
ppp
8538SCA (4) 4
ppp
ppp
ppp
ppp
ppp
8538SCA (5) 4
ppp
ppp
ppp
ppp
ppp
7.5 5.5
7.5 5.5
–
–
–
–60 8538SCG13
ppp
ppp
ppp
ppp
ppp
8538SCG33
ppp
ppp
ppp
ppp
ppp
8538SCA (4) 3
ppp
ppp
ppp
ppp
ppp
8538SCA (5) 3
ppp
ppp
ppp
ppp
ppp
2
10 7.5
15
11
–
–
–
–60 8538SDG12
ppp
ppp
ppp
ppp
ppp
8538SDG32
ppp
ppp
ppp
ppp
ppp
8538SDA (4) 2
ppp
ppp
ppp
ppp
ppp
8538SDA (5) 2
ppp
ppp
ppp
ppp
ppp
–
–
–
–
15 11
15
11
30 8538SDG16
ppp
ppp
ppp
ppp
ppp
8538SDG36
ppp
ppp
ppp
ppp
ppp
8538SDA (4) 6
ppp
ppp
ppp
ppp
ppp
8538SDA (5) 6
ppp
ppp
ppp
ppp
ppp
–
–
–
–
25 18.5
25
18.5
60 8538SDG14
ppp
ppp
ppp
ppp
ppp
8538SDG34
ppp
ppp
ppp
ppp
ppp
8538SDA (4) 4
ppp
ppp
ppp
ppp
ppp
8538SDA (5) 4
ppp
ppp
ppp
ppp
ppp
3
20 15
25
18.5
–
–
–
–
100 8538SEG15
ppp
ppp
ppp
ppp
ppp
8538SEG35
ppp
ppp
ppp
ppp
ppp
8538SEA (4) 5
ppp
ppp
ppp
ppp
ppp
8538SEA (5) 5
ppp
ppp
ppp
ppp
ppp
–
–
–
–
50 37
50
37
100 8538SEG13
ppp
ppp
ppp
ppp
ppp
8538SEG33
ppp
ppp
ppp
ppp
ppp
8538SEA (4) 3
ppp
ppp
ppp
ppp
ppp
8538SEA (5) 3
ppp
ppp
ppp
ppp
ppp
25 18,5
30
22
–
–
–
–
200 8538SEG12
ppp
ppp
ppp
ppp
ppp
8538SEG32
ppp
ppp
ppp
ppp
ppp
8538SEA (4) 2
ppp
ppp
ppp
ppp
ppp
8538SEA (5) 2
ppp
ppp
ppp
ppp
ppp
4
40 30
50
37
–
–
–
–
200 8538SFG15
ppp
ppp
ppp
ppp
ppp
8538SFG35
ppp
ppp
ppp
ppp
ppp
8538SFA (4) 5
ppp
ppp
ppp
ppp
ppp
8538SFA (5) 5
ppp
ppp
ppp
ppp
ppp
–
–
–
–
100 75
100 75
200 8538SFG13
ppp
ppp
ppp
ppp
ppp
8538SFG33
ppp
ppp
ppp
ppp
ppp
8538SFA (4) 3
ppp
ppp
ppp
ppp
ppp
8538SFA (5) 3
ppp
ppp
ppp
ppp
ppp
5
75 55
100 75
–
–
–
–
400 8538SGG15
ppp
ppp
ppp
ppp
ppp
8538SGG35
ppp
ppp
ppp
ppp
ppp
8538SGA (4) 5
ppp
ppp
ppp
ppp
ppp
8538SGA (5) 5
ppp
ppp
ppp
ppp
ppp
–
–
–
–
200 150
200 150
400 8538SGG13
ppp
ppp
ppp
ppp
ppp
8538SGG33
ppp
ppp
ppp
ppp
ppp
8538SGA (4) 3
ppp
ppp
ppp
ppp
ppp
8538SGA (5) 3
ppp
ppp
ppp
ppp
ppp
6
150 110
200 150
–
–
–
–
600 8538SHG13
ppp
ppp
ppp
ppp
ppp
8538SHG33
ppp
ppp
ppp
ppp
ppp
8538SHA (4) 3
ppp
ppp
ppp
ppp
ppp
8538SHA (5) 3
ppp
ppp
ppp
ppp
ppp
–
–
–
–
400 300
400 300
600 8538SHG12
ppp
ppp
ppp
ppp
ppp
8538SHG32
ppp
ppp
ppp
ppp
ppp
8538SHA (4) 2
ppp
ppp
ppp
ppp
ppp
8538SHA (5) 2
ppp
ppp
ppp
ppp
ppp
(1) Standard control circuit voltages:
Volts
24
110
120
208
220
240
380
440
480
600
50 Hz
–
V02
–
–
V03
–
V05
V06
–
–
60 Hz
V01 (6)(7) –
V02 (6)
V08
–
V03
–
–
V06
V07
For 24 V and 120 V coils add the letter “S” for separate control. Example: 8538SBG12 V01S .
(2) For optional For ms, please consult your nearest Square D/Schneider Electric sales office.
(3) Add the letter “H” for Solid State Overload Relays, see table on page opposite.
(4) To order a unit with external reset, replace (4) with “2”. To order a unit without exter nal reset, replace (4) with “1”.
(5) To order a unit with external reset, replace (5) with “4”. To order a unit without exter nal reset, replace (5) with “3”.
(6) To order this voltage code, add the letter “S” (separ ate contol).
(7) 24 V coil not a vailable for siz es 4 to 6. Availab le for sizes 0 to 3, specify letter “S” (separate contol).
For additional infor mation, reference catalog 8538CT9701.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com