Electronic Components Datasheet Search
  English  ▼

X  

9422CSF70 Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # 9422CSF70
Description  Accurate and reliable control of motors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

9422CSF70 Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button 9422CSF70 Datasheet HTML 42Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 43Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 44Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 45Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 46Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 47Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 48Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 49Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 50Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 48 / 50 page
background image
For other versions, please consult with your local Schneider Electric/
Square D sales office: visit www.us.telemanique.com.
5/47
5
Circuit breaker
operating mechanisms
Door mounted kits
Complete kit
Std. shaft /std. handle
Long shaft /std. handle
Long shaft / short handle
Does not include circuit breaker
Includes:
Includes:
Includes:
Operating mechanism
Operating mechanism
Operating mechanism
Standard 6" handle
Standard 6" handle
Short 3" handle
Use with:
Standard shaft kit
Long shaft kit
Long shaft kit
Circuit breaker
Number
Frame
Catalog
Mounting depth Catalog
Mounting depth
Catalog
Mounting depth
or interrupter type
of poles
size (A)
number
min.-max. (1)
number
min.-max. (1)
number
min.-max. (1)
GJL
3
75, 100
9421LG1
5-1/2–10-1/4
9421LG4
5-1/2–20-7/8
9421LG3
5-1/2–20-7/8
FAL, FCL, FHL
2–3
100
9421LN1
5-1/2–10-7/16
9421LN4
5-1/2–21
9421LN3
5-1/2–21
KAL, KCL, KHL
2–3
250
9421LP1
6-1/4–11-3/16
9421LP4
6-1/4–21-3/4
9421LP3
6-1/4–21-3/4
LAL, LHL, Q4L
2–3
400
9421LR1
6-5/16–10-7/8
9421LR4
6-5/16–21-1/2
(3)
MEL, MXL
2–3
800
9421LT1 (2)
7-3/16–11-5/8
9421LT4 (2)
7-3/16–22-1/4
(3)
MAL, MHL
2–3
1000
9421LT1 (2)
7-3/16–11-5/8
9421LT4 (2)
7-3/16–22-1/4
(3)
NAL, NCL, NEL, NXL
2–3
1200
9421LX1 (2)
8-1/4–12-3/4
9421LX4 (2)
8-1/4–23-3/8
(3)
Merlin Gerlin® NSF,Powerpact D, H and J Circuit Breakers
MG-NSF,
3
250
9421LJ1
5-1/2–10-3/4
9421LJ4
5-1/2–21-3/8
(3)
Powerpact D, H and J
(1) Mounting depth measured from circuit breaker mounting surface (control panel) to outside of enclosure door in inches.
(2) Types LT1, LT4, LX1, and LX4 include an 8" handle rather than a 6" handle.
(3) 3" handles are not recommended for use with these circuit breakers .
Handles
Use With
Standard Handle Assemb lies
Special 3'' Version
Circuit breaker
Number
Frame
Type
Type
Type
Type
Type
Type
or interrupter type
of poles
siz e (A)
1, 3R, 12
3R, 4
3R, 4, 4X
1, 3R, 12
3R, 4
3R, 4, 4X
(Painted)
(Painted)
(Chrome Plated)
(Painted)
(Painted)
(Chrome Plated)
GJL
3
75
9421LH6
9421LH46
9421LC46
9421LH43
9421LH43
9421LC43
FAL, FCL, FHL
2–3
100
9421LH6
9421LH46
9421LC46
9421LH43
9421LH43
9421LC43
KAL, KCL, KHL
2–3
250
9421LH6
9421LH46
9421LC46
9421LH43
9421LH43
9421LC43
LAL, LHL, Q4L
2–3
400
9421LH6
9421LH46
9421LC46
(3)
MEL, MXL
2–3
800
9421LH8
9421LH48
9421LC48
(3)
MAL, MHL
2–3
1000
9421LH8
9421LH48
9421LC48
(3)
NAL, NCL, NEL, NXL
2–3
1200
9421LH8
9421LH48
9421LC48
(3)
(3) 3" handles are not recommended for use with these circuit breakers .
For additional information, reference catalog 9420CT9701.
Operating Mechanism
(includes lockout)
NEMA Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com