Electronic Components Datasheet Search
  English  ▼

X  

9422CSF70 Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # 9422CSF70
Description  Accurate and reliable control of motors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

9422CSF70 Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button 9422CSF70 Datasheet HTML 40Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 41Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 42Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 43Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 44Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 45Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 46Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 47Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 50 page
background image
For other versions, please consult with your local Schneider Electric/
Square D sales office: visit www.us.telemanique.com.
5/43
5
Manual switches Types T and M, in general
purpose surface mounting enclosure (NEMA 1)
Type
Non-reversing
Type of
No. of
NEMA Size
Ratings
Catalog number
operator
poles
Motor voltage
Max. power
DC
3-phase
Single-phase
V
Hp
kW
Hp
kW
Hp
kW
Toggle operator
AC 2
M-0
115
–
–
–
–
1
0.75
2510TBG1
230
–
–
–
–
2
1.5
M-1
115
–
–
–
–
2
1.5
2510TCG1
230
–
–
–
–
3
2.2
M-1P
115
–
–
–
–
3
2.2
2510TCG2
230
–
–
–
–
5
3.7
AC 3
M-0
200–230
–
–
3 (2)
2.2 (2)
–
–
2510TBG2
380–575
–
–
5 (3)
3.7 (3)
–
–
M-1
200–230
–
–
7.5 (2)
5.5 (2)
–
–
2510TCG3
380–575
–
–
10 (3)
7.5 (3)
–
–
DC 2
M-0
115
1
0.75
–
–
–
–
2510TBG4
230
1.5
1.1
–
–
–
–
M-1
115
1.5
1.1
–
–
–
–
2510TCG5
230
2
1.5
–
–
–
–
Push button
AC 2
M-0
115
–
–
–
–
1
0.75
2510MBG1
230
–
–
–
–
2
1.5
M-1
115
–
–
–
–
2
1.5
2510MCG1
230
–
–
–
–
3
2.2
M-1P
115
–
–
–
–
3
2.2
2510MCG2
230
–
–
–
–
5
3.7
AC 3
M-0
200–230
–
–
3 (2)
2.2 (2)
–
–
2510MBG2
380–575
–
–
5 (3)
3.7 (3)
–
–
M-1
200–230
–
–
7.5 (2)
5.5 (2)
–
–
2510MCG3
380–575
–
–
10 (3)
7.5 (3)
–
–
DC 2
M-0
115
1
0.75
–
–
–
–
2510MBG4
230
1.5
1.1
–
–
–
–
M-1
115
1.5
1.1
–
–
–
–
2510MCG5
230
2
1.5
–
–
–
–
(2) Value for 230 V.
(3) Value for 575 V.
For additional information, reference catalog 2510CT9701.
NEMA Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com