Electronic Components Datasheet Search
  English  ▼

X  

9422CSF70 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # 9422CSF70
Description  Accurate and reliable control of motors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

9422CSF70 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 9422CSF70 Datasheet HTML 6Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 7Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 8Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 9Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 10Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 11Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 12Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 13Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
For other versions, please consult with your local Schneider Electric/
Square D sales office: visit www.us.telemanique.com.
5/9
5
Auxiliary contact blocks
■
■
■
■
■ instantaneous
dust&dampprotectedcontacts
■
■
■
■
■ time delay 1N.O. + 1 N.C.
Composition
Catalognumber
Composition
Catalognumber
Composition
Catalognumber
Composition
Catalognumber
Type
Range
Catalognumber
N.O. N.C.
N.O. N.C.
N.O. N.C.
N.O. N.C.
1-
LADN10
11
LADN11
22
LADN22
2
-
-
-
LA1DX20
On-delay
0.1–3 s
LADT0
-1
LADN01
2-
LADN20
13
LADN13
22-
-
LA1DY20
0.1–30 s
LADT2
-2
LADN02
4-
LADN40
2-
2
-
LA1DZ40
10–180 s
LADT4
-4
LADN04
2-
1
1
LA1DZ31
1–30 s
LADS2
31
LADN31
Off-delay
0.1–3 s
LADR0
22
LADC22
0.1–30 s
LADR2
10–180 s
LADR4
Mounting accessories for 3-pole reversing contactors for motor control
2 identical contactors, horizontally mounted
Mechanical interlock with an electrical interlocking kit for the contactors
Contactor type
Set of connections
Mechanical interlock
LC1F115
LA9FF976
LA9FF970
LC1F150
LA9F15076
LA9FF970
LC1F185
LA9FG976
LA9FG970
LC1F225
LA9F22576
LA9FG970
LC1F265
LA9FH976
LA9FJ970
LC1F330
LA9FJ976
LA9FJ970
LC1F400
LA9FJ976
LA9FJ970
LC1F500
LA9FK976
LA9FJ970
LC1F630 or LC1F800
LA9FL976
LA9FL970
400 A
500 A
630 A
780 A
800 A
500 A
700 A
1 000 A
1 600 A
1 000 A
1 000 V
1 000 V
1 000 V
1 000 V
1 000 V
2, 3 or 4
2, 3 or 4
2, 3 or 4
3 or 4
3
150 Hp
200 Hp
300 Hp
350 Hp
400 Hp
300 Hp
400 Hp
450 Hp
600 Hp
600 Hp
350 Hp
450 Hp
500 Hp
500 Hp
600 Hp
400 Hp
400 Hp
600 Hp
500 Hp
600 Hp
300 Hp
475 Hp
600 Hp
600 Hp
600 Hp
450 Hp
450 Hp
600 Hp
600 Hp
600 Hp
250 Hp
450 Hp
600 Hp
600 Hp
600 Hp
LC1F400
LC1F500
LC1F630
LC1F780
LC1F800
For customer assembly
Te
Sys
F-line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com