Electronic Components Datasheet Search
  English  ▼

X  

9422CSF70 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # 9422CSF70
Description  Accurate and reliable control of motors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

9422CSF70 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button 9422CSF70 Datasheet HTML 7Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 8Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 9Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 10Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 11Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 12Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 13Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 14Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
For other versions, please consult with your localSchneider Electric /
Square D sales office: visit www.us.telemanique.com.
5/10
5
Thermal-magnetic circuit-breakers GV2ME for connection by spring terminals
Add the figure 3 to the end of the catalog number. Example GV2ME223 (available up to GV2ME22)
Te
Sys
Type GVZME
and GV2P
Manual motor starters
0.1–30 Hp
Manual motor starters GV2ME and GV2P for connection by screw clamp terminals
GV2ME with pushbutton control, GV2P control by rotary knob
Horsepower ratings of 3-phase motors 50/60 Hz
Setting range
Magnetic
Catalog Number
200 V
230 V
460 V
575 V
of thermal
tripping
trips
current
Push button
Rotary Handle
AA
-
-
-
-
0.1–0.16
1.5
GV2ME01
GV2P01
-
-
-
-
0.16–0.25
2.4
GV2ME02
GV2P02
-
-
-
-
0.25–0.40
5
GV2ME03
GV2P03
-
-
-
-
0.40–0.63
8
GV2ME04
GV2P04
-
-
0.5
0.5
0.63–1
13
GV2ME05
GV2P05
-
-
0.75
1
1–1.6
22.5
GV2ME06
GV2P06
0.5
0.5
1
1.5
1.6–2.5
33.5
GV2ME07
GV2P07
0.75
1
2
3
2.5–4
51
GV2ME08
GV2P08
1.5
1.5
3
5
4–6.3
78
GV2ME10
GV2P10
2
3
5
7.5
6–10
138
GV2ME14
GV2P14
3
3
10
10
9–14
170
GV2ME16
GV2P16
5
5
10
15
13–18
223
GV2ME20
GV2P20
5
7.5
15
20
17–23
327
GV2ME21
GV2P21
5
7.5
15
20
20–25
327
GV2ME22
GV2P22
10
10
20
30
24–32
416
GV2ME32
GV2P32
Thermal-magnetic circuit-breakers GV2ME for connection by spring terminals
Add the number 3 to the end of the catalog number. Example GV2ME223 (available up to GV2ME22)
Fuse holder—30 A rated, type CC or KTK-R fuses
Catalog Number
With screw terminals
LS1D30
With spring terminals
LS1D303
Auxiliary pole (screw terminals;
LA8D324
mount on left or right side)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com