Electronic Components Datasheet Search
  English  ▼

X  

9422CSF70 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 9422CSF70
Description  Accurate and reliable control of motors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

9422CSF70 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 9422CSF70 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 3Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 4Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 5Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 6Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 7Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 8Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 9Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
For other versions, please consult with your local Schneider Electric/
Square D sales office: visit www.us.telemanique.com.
5/5
5
Mounting accessories for 3-pole reversing contactors
2 identical contactors with screw clamp terminals or connectors, horizontally mounted
Mechanical interlock
Set of connections
Mechanical interlock
■
■
■
■
■ with an electrical interlocking kit for the contactors
LC1D09–D38
LAD9R1V
included
■
■
■
■
■ with integral electrical interlocking
LC1D40–D65
LA9D6569
LA9D4002
LC1D80 and D95 (AC)
LA9D8069
LA9D4002
LC1D80 and D95 (DC)
LA9D8069
LA9D8002
LC1D115 and D150
LA9D11569
LA9D11502
■
■
■
■
■ without electrical interlocking
LC1D09–D38
LA99R1
included
LC1D40–D65
LA9D6569
LA9D50978
LC1D80 and D95 (AC)
LA9D8069
LA9D50978
LC1D80 and D95 (DC)
LA9D8069
LA9D80978
Mechanical latch blocks
Clip-on front mounting, manual or electrical unlatching control
For use on contactor
Catalog number
Standard control circuit voltages
LC1D40–D65 3P AC or DC, LC1D65 4P AC, LC1D65 4P DC
LA6DK10•
B E F M Q
LC1D80–D150 3P AC, LC1D80 and D115 3P AC, LC1D115 4P DC
LA6DK20•
B E F M Q
LC1D09–D38 AC or DC, LC1DT20–DT40 AC or DC
LA66K10•
B E F M Q
1000 V on AC supply, 690 V on DC supply
38 A
40 A
50 A
65 A
80 A
95 A
115 A
150 A
60 A
80 A
125 A
200 A
12 Hp
15 Hp
20 Hp
25 Hp
30 Hp
30 Hp
40 Hp
50 Hp
25 Hp
25 Hp
30 Hp
40 Hp
50 Hp
60 Hp
75 Hp
100Hp
25 Hp
30 Hp
30/40 Hp
50 Hp
60 Hp
60 Hp
75 Hp
100 Hp
25 Hp
30 Hp
40 Hp
50 Hp
75 Hp
75 Hp
100 Hp
125Hp
25 Hp
40 Hp
44 Hp
50 Hp
60 Hp
60 Hp
100 Hp
125Hp
-
30 Hp
40 Hp
50 Hp
60 Hp
60 Hp
100 Hp
125 Hp
LC1D38
LC1D40
LC1D50
LC1D65
LC1D80
LC1D95
LC1D115
LC1D150
LC2D38
LC2D40
LC2D50
LC2D65
LC2D80
LC2D95
LC2D115
LC2D150
Te
Sys
D-line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com