Electronic Components Datasheet Search
  English  ▼

X  

28F008B3 Datasheet(PDF) 32 Page - Intel Corporation

Part # 28F008B3
Description  SMART 3 ADVANCED BOOT BLOCK BYTE-WIDE
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F008B3 Datasheet(HTML) 32 Page - Intel Corporation

Back Button 28F008B3 Datasheet HTML 28Page - Intel Corporation 28F008B3 Datasheet HTML 29Page - Intel Corporation 28F008B3 Datasheet HTML 30Page - Intel Corporation 28F008B3 Datasheet HTML 31Page - Intel Corporation 28F008B3 Datasheet HTML 32Page - Intel Corporation 28F008B3 Datasheet HTML 33Page - Intel Corporation 28F008B3 Datasheet HTML 34Page - Intel Corporation 28F008B3 Datasheet HTML 35Page - Intel Corporation 28F008B3 Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
SMART 3 ADVANCED BOOT BLOCK–BYTE-WIDE
E
32
PRELIMINARY
Table 10. DC Characteristics (Continued)
Sym
Parameter
Notes
VCC = 2.7V–3.6V
Unit
Test Conditions
Min
Max
VIL
Input Low Voltage
–0.4
0.4
V
VIH
Input High Voltage
VCCQ –
0.4V
V
VOL
Output Low Voltage
0.10
V
VCC = VCCMin = VCCQMin
IOL = 100
µA
VOH
Output High Voltage
VCCQ –
0.1V
VVCC = VCCMin = VCCQMin
IOH = –100 µA
VPPLK VPP Lock-Out Voltage
3
1.5
V
Complete Write Protection
VPPH1 VPP during Prog/Erase
Operations
3
2.7
3.6
V
VPPH2
3,6
11.4
12.6
V
VLKO
VCC Program/Erase Lock
Voltage
1.5
V
VLKO2
VCCQ Program/Erase
Lock Voltage
1.2
V
NOTES:
1.
All currents are in RMS unless otherwise noted. Typical values at nominal VCC, TA = +25°C.
2.
ICCES and ICCWS are specified with device de-selected. If device is read while in erase suspend, current draw is ICCR. If the
device is read while in program suspend, current draw is ICCR.
3.
Erase and Program are inhibited when VPP < VPPLK and not guaranteed outside the valid VPP ranges of VPPH1 and VPPH2.
4.
Sampled, not 100% tested.
5.
Automatic Power Savings (APS) reduces ICCR to approximately standby levels in static operation (CMOS inputs).
6.
Applying VPP = 11.4V–12.6V during program/erase can only be done for a maximum of 1000 cycles on the main blocks
and 2500 cycles on the parameter blocks. VPP may be connected to 12V for a total of 80 hours maximum. See Section 3.4
for details.
7.
Includes the sum of VCC and VCCQ current.
Table 11. Capacitance (TA = 25°C, f = 1 MHz)
Sym
Parameter
Notes
Typ
Max
Units
Conditions
CIN
Input Capacitance
1
6
8
pF
VIN = 0V
COUT
Output Capacitance
1
10
12
pF
VOUT = 0V
NOTE:
1.
Sampled, not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com