Electronic Components Datasheet Search
  English  ▼

X  

28F008B3 Datasheet(PDF) 36 Page - Intel Corporation

Part # 28F008B3
Description  SMART 3 ADVANCED BOOT BLOCK BYTE-WIDE
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F008B3 Datasheet(HTML) 36 Page - Intel Corporation

Back Button 28F008B3 Datasheet HTML 32Page - Intel Corporation 28F008B3 Datasheet HTML 33Page - Intel Corporation 28F008B3 Datasheet HTML 34Page - Intel Corporation 28F008B3 Datasheet HTML 35Page - Intel Corporation 28F008B3 Datasheet HTML 36Page - Intel Corporation 28F008B3 Datasheet HTML 37Page - Intel Corporation 28F008B3 Datasheet HTML 38Page - Intel Corporation 28F008B3 Datasheet HTML 39Page - Intel Corporation 28F008B3 Datasheet HTML 40Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
SMART 3 ADVANCED BOOT BLOCK–BYTE-WIDE
E
36
PRELIMINARY
Table 13. DC Characteristics: VCCQ = 1.8V–2.2V (Continued)
Sym
Parameter
Notes
VCC1:
2.7V–2.85V
VCC2:
2.7V–3.3V
Unit
Test Conditions
Typ
Max
ICCW
VCC Program Current
1,4,7
8
20
mA
VPP = VPPH1 or VPPH2
Program in Progress
820
mA
VPP = VPPH3 (12V)
Program in Progress
ICCE
VCC Erase Current
1,4,7
8
20
mA
VPP = VPPH1 or VPPH2
Erase in Progress
820
mA
VPP = VPPH3 (12V)
Erase in Progress
ICCES
VCC Erase Suspend
Current
1,2,4,7
20
50
µA
CE# = VIH
Erase Suspend in Progress
ICCWS
VCC Program Suspend
Current
1,2,4,7
20
50
µA
CE# = VIH
Program Suspend in Progress
IPPD
VPP Deep Power-Down
Current
1
0.2
5
µA
RP# = GND ± 0.2V
IPPR
VPP Read and Standby
Current
1
2
±50
µA
VPP ≤ VCC
IPPW
VPP Program Current
1,4
15
40
mA
VPP = VPPH1 or VPPH2
Program in Progress
10
25
mA
VPP = VPPH3 (12V)
Program in Progress
IPPE
VPP Erase Current
1,4
13
25
mA
VPP = VPPH1 or VPPH2
Erase in Progress
825
mA
VPP = VPPH3 (12V)
Erase in Progress
IPPES
VPP Erase Suspend
Current
1
50
200
µA
VPP = VPPH1 , VPPH2 , or VPPH3
Erase Suspend in Progress
IPPWS
VPP Program Suspend
Current
1
50
200
µA
VPP = VPPH1 , VPPH2 , or VPPH3
Program Suspend in Progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com