Electronic Components Datasheet Search
  English  ▼

X  

28F008B3 Datasheet(PDF) 44 Page - Intel Corporation

Part # 28F008B3
Description  SMART 3 ADVANCED BOOT BLOCK BYTE-WIDE
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F008B3 Datasheet(HTML) 44 Page - Intel Corporation

Back Button 28F008B3 Datasheet HTML 40Page - Intel Corporation 28F008B3 Datasheet HTML 41Page - Intel Corporation 28F008B3 Datasheet HTML 42Page - Intel Corporation 28F008B3 Datasheet HTML 43Page - Intel Corporation 28F008B3 Datasheet HTML 44Page - Intel Corporation 28F008B3 Datasheet HTML 45Page - Intel Corporation 28F008B3 Datasheet HTML 46Page - Intel Corporation 28F008B3 Datasheet HTML 47Page - Intel Corporation 28F008B3 Datasheet HTML 48Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 49 page
background image
SMART 3 ADVANCED BOOT BLOCK–BYTE-WIDE
E
44
PRELIMINARY
Table 17. Erase and Program Timings
VPP = 2.7V
VPP = 12V
Sym
Parameter
Notes
Typ1
Max3
Typ1
Max3
Unit
tBWPB
Block Program Time
(Parameter)
2
.16
.48
.08
.24
sec
tBWMB
Block Program Time (Main)
2
1.23
3.69
.58
1.74
sec
tWHQV1
tEHQV1
Program Time
2
17
165
8
185
µs
tWHQV2
tEHQV2
Block Erase Time (Parameter)
2
1
5.0
0.8
4.8
sec
tWHQV3
tEHQV3
Block Erase Time (Main)
2
1.8
8.0
1.1
7.0
sec
tWHRH1
tEHRH1
Program Suspend Latency
3
5
10
5
10
µs
tWHRH2
tEHRH2
Erase Suspend Latency
3
5
20
6
12
µs
NOTES:
1.
Typical values measured at TA = +25°C and nominal voltages.
2.
Excludes external system-level overhead.
3.
Sampled but not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com