Electronic Components Datasheet Search
  English  ▼

X  

28F008B3 Datasheet(PDF) 7 Page - Intel Corporation

Part # 28F008B3
Description  SMART 3 ADVANCED BOOT BLOCK BYTE-WIDE
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F008B3 Datasheet(HTML) 7 Page - Intel Corporation

Back Button 28F008B3 Datasheet HTML 3Page - Intel Corporation 28F008B3 Datasheet HTML 4Page - Intel Corporation 28F008B3 Datasheet HTML 5Page - Intel Corporation 28F008B3 Datasheet HTML 6Page - Intel Corporation 28F008B3 Datasheet HTML 7Page - Intel Corporation 28F008B3 Datasheet HTML 8Page - Intel Corporation 28F008B3 Datasheet HTML 9Page - Intel Corporation 28F008B3 Datasheet HTML 10Page - Intel Corporation 28F008B3 Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
E
SMART 3 ADVANCED BOOT BLOCK–BYTE-WIDE
7
PRELIMINARY
2.1
Package Pinouts
The Smart 3 Advanced Boot Block flash memory is
available in 40-lead TSOP (see Figure 1) and 48-
ball
µBGA packages (see Figures 2 and 3). In
Figure 1, pin changes from one density to the next
are circled. Both packages, 40-lead TSOP and 48-
ball
µBGA package, are 8-bits wide and fully
upgradeable across product densities (from 8 Mb to
16 Mb).
Advanced Boot Block
40-Lead TSOP
10 mm x 20 mm
TOP VIEW
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
20
19
17
18
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
21
22
23
24
28F008
28F016
A
16
A
15
A
14
A
13
A
12
A
11
A
9
A
8
WE#
RP#
WP#
A
7
A
6
A
5
A
4
A
3
A
2
A
1
V
PP
A
18
A
16
A
15
A
14
A
13
A
12
A
11
A
9
A
8
WE#
RP#
WP#
A
7
A
6
A
5
A
4
A
3
A
2
A
1
V
PP
A
18
28F008
28F016
A
17
GND
A
10
DQ
7
DQ
6
DQ
5
DQ
4
V
CCQ
V
CC
NC
DQ
3
DQ
2
DQ
1
OE#
GND
CE#
A
0
NC
A
17
GND
A
10
DQ
7
DQ
6
DQ
5
DQ
4
V
CCQ
V
CC
NC
DQ
3
DQ
2
DQ
1
OE#
GND
CE#
A
0
A
19
A
19
A
20
DQ
0
DQ
0
0605-01
Figure 1. 40-Lead TSOP Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com