Electronic Components Datasheet Search
  English  ▼

X  

28F008B3 Datasheet(PDF) 34 Page - Intel Corporation

Part # 28F008B3
Description  SMART 3 ADVANCED BOOT BLOCK BYTE-WIDE
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F008B3 Datasheet(HTML) 34 Page - Intel Corporation

Back Button 28F008B3 Datasheet HTML 30Page - Intel Corporation 28F008B3 Datasheet HTML 31Page - Intel Corporation 28F008B3 Datasheet HTML 32Page - Intel Corporation 28F008B3 Datasheet HTML 33Page - Intel Corporation 28F008B3 Datasheet HTML 34Page - Intel Corporation 28F008B3 Datasheet HTML 35Page - Intel Corporation 28F008B3 Datasheet HTML 36Page - Intel Corporation 28F008B3 Datasheet HTML 37Page - Intel Corporation 28F008B3 Datasheet HTML 38Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
SMART 3 ADVANCED BOOT BLOCK–BYTE-WIDE
E
34
PRELIMINARY
6.0
OPERATING CONDITIONS (VCCQ = 1.8V–2.2V)
Table 12. Temperature and VCC Operating Conditions
Symbol
Parameter
Notes
Min
Max
Units
TA
Operating Temperature
–40
+85
°C
VCC1
2.7V–2.85V VCC Supply Voltage
1
2.7
2.85
Volts
VCC2
2.7V–3.3V VCC Supply Voltage
1
2.7
3.3
Volts
VCCQ
1.8V–2.2V I/O Supply Voltage
1,4
1.8
2.2
Volts
VPP1
Program and Erase Voltage
1
2.7
2.85
Volts
VPP2
1
2.7
3.3
Volts
VPP3
1,2
11.4
12.6
Volts
Cycling
Block Erase Cycling
3
10,000
Cycles
NOTES:
1.
See DC Characteristics tables for voltage range-specific specifications.
2.
Applying VPP = 11.4V–12.6V during program/erase can only be done for a maximum of 1000 cycles on the main blocks
and 2500 cycles on the parameter. VPP may be connected to 12V for a total of 80 hours maximum. See Section 3.4 for
details.
3.
For operating temperatures of –25
°C– +85°C the device is projected to have a minimum block erase cycling of 10,000 to
30,000 cycles.
4.
The voltage swing on the inputs, VIN is required to match VCCQ.
6.1
DC Characteristics: VCCQ = 1.8V–2.2V
These tables are valid for the following power supply combinations only:
1.
VCC1 and VCCQ and (VPP1 or VPP3)
2.
VCC2 and VCCQ and (VPP2 or VPP3)
Wherever the input voltage VIN is mentioned, it is required that VIN matches the chosen VCCQ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com