Electronic Components Datasheet Search
  English  ▼

X  

28F008B3 Datasheet(PDF) 45 Page - Intel Corporation

Part # 28F008B3
Description  SMART 3 ADVANCED BOOT BLOCK BYTE-WIDE
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F008B3 Datasheet(HTML) 45 Page - Intel Corporation

Back Button 28F008B3 Datasheet HTML 41Page - Intel Corporation 28F008B3 Datasheet HTML 42Page - Intel Corporation 28F008B3 Datasheet HTML 43Page - Intel Corporation 28F008B3 Datasheet HTML 44Page - Intel Corporation 28F008B3 Datasheet HTML 45Page - Intel Corporation 28F008B3 Datasheet HTML 46Page - Intel Corporation 28F008B3 Datasheet HTML 47Page - Intel Corporation 28F008B3 Datasheet HTML 48Page - Intel Corporation 28F008B3 Datasheet HTML 49Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 45 / 49 page
background image
E
SMART 3 ADVANCED BOOT BLOCK–BYTE-WIDE
45
PRELIMINARY
APPENDIX A
ORDERING INFORMATION
T E 2 8 F 1 6 0 B 3 T 1 2 0
Package
TE = 40-Lead TSOP
GT = 48-Ball µBGA* CSP
Product line designator
for all Intel Flash products
Access Speed (ns)
(120, 150)
Product Family
B3 = Smart 3 Advanced Boot Block
V
CC = 2.7V - 3.6V
V
PP = 2.7V - 3.6V or 11.4V - 12.6V
Device Density
016 = x8 (16-Mbit)
008 = x8 (8-Mbit)
T = Top Blocking
B = Bottom Blocking
VALID COMBINATIONS
40-Lead TSOP
48-Ball
µBGA* CSP
Extended
16M
TE28F016B3T120
GT28F016B3T120
TE28F016B3B120
GT28F016B3B120
TE28F016B3T150
GT28F016B3T150
TE28F016B3B150
GT28F016B3B150
Extended
8M
TE28F008B3T120
GT28F008B3T120
TE28F008B3B120
GT28F008B3B120
TE28F008B3T150
GT28F008B3T150
TE28F008B3B150
GT28F008B3B150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com