Electronic Components Datasheet Search
  English  ▼

X  

28F008B3 Datasheet(PDF) 47 Page - Intel Corporation

Part # 28F008B3
Description  SMART 3 ADVANCED BOOT BLOCK BYTE-WIDE
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F008B3 Datasheet(HTML) 47 Page - Intel Corporation

Back Button 28F008B3 Datasheet HTML 41Page - Intel Corporation 28F008B3 Datasheet HTML 42Page - Intel Corporation 28F008B3 Datasheet HTML 43Page - Intel Corporation 28F008B3 Datasheet HTML 44Page - Intel Corporation 28F008B3 Datasheet HTML 45Page - Intel Corporation 28F008B3 Datasheet HTML 46Page - Intel Corporation 28F008B3 Datasheet HTML 47Page - Intel Corporation 28F008B3 Datasheet HTML 48Page - Intel Corporation 28F008B3 Datasheet HTML 49Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 47 / 49 page
background image
E
SMART 3 ADVANCED BOOT BLOCK–BYTE-WIDE
47
PRELIMINARY
APPENDIX C
ACCESS TIME VS. CAPACITIVE LOAD
(tAVQV vs. CL)
Access Time vs. Load Capacitance
Derating Curve
115
116
117
118
119
120
121
122
123
124
30
50
70
100
Load Capacitance(pF)
Smart 3 Advanced Boot
Block
NOTE:
VCCQ = 2.7V
This chart shows a derating curve for device access time with respect to capacitive load. The value in the
DC characteristics section of the specification corresponds to CL = 50 pF.
NOTE:
1.
Sampled, but not 100% tested



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com