Electronic Components Datasheet Search
  English  ▼

X  

28F008B3 Datasheet(PDF) 43 Page - Intel Corporation

Part # 28F008B3
Description  SMART 3 ADVANCED BOOT BLOCK BYTE-WIDE
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F008B3 Datasheet(HTML) 43 Page - Intel Corporation

Back Button 28F008B3 Datasheet HTML 39Page - Intel Corporation 28F008B3 Datasheet HTML 40Page - Intel Corporation 28F008B3 Datasheet HTML 41Page - Intel Corporation 28F008B3 Datasheet HTML 42Page - Intel Corporation 28F008B3 Datasheet HTML 43Page - Intel Corporation 28F008B3 Datasheet HTML 44Page - Intel Corporation 28F008B3 Datasheet HTML 45Page - Intel Corporation 28F008B3 Datasheet HTML 46Page - Intel Corporation 28F008B3 Datasheet HTML 47Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 49 page
background image
E
SMART 3 ADVANCED BOOT BLOCK–BYTE-WIDE
43
PRELIMINARY
7.1
Reset Operations
IH
V
IL
V
RP# (P)
PLPH
t
IH
V
IL
V
RP# (P)
PLPH
t
(A) Reset during Read Mode
Abort
Complete
PHQV
t
PHWL
t
PHEL
t
PHQV
t
PHWL
t
PHEL
t
(B) Reset during Program or Block Erase,
<
PLPH
t
PLRH
t
PLRH
t
IH
V
IL
V
RP# (P)
PLPH
t
Abort
Complete
PHQV
t
PHWL
t
PHEL
t
PLRH
t
Deep
Power-
Down
(C) Reset Program or Block Erase,
>
PLPH
t
PLRH
t
0605-17
Figure 16. AC Waveform: Deep Power-Down/Reset Operation
Reset Specifications
VCC = 2.7–3.6V
Symbol
Parameter
Notes
Min
Max
Unit
tPLPH
RP# Low to Reset during Read
(If RP# is tied to VCC, this specification is not
applicable)
1,3
100
ns
tPLRH
RP# Low to Reset during Block Erase or Program
2,3
22
µs
NOTES:
1.
If tPLPH is < 100 ns the device may still RESET but this is not guaranteed.
2.
If RP# is asserted while a block erase or byte program operation is not executing, the reset will complete within 100 ns.
3.
Sampled but not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com