Electronic Components Datasheet Search
  English  ▼

X  

28F008B3 Datasheet(PDF) 46 Page - Intel Corporation

Part # 28F008B3
Description  SMART 3 ADVANCED BOOT BLOCK BYTE-WIDE
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F008B3 Datasheet(HTML) 46 Page - Intel Corporation

Back Button 28F008B3 Datasheet HTML 41Page - Intel Corporation 28F008B3 Datasheet HTML 42Page - Intel Corporation 28F008B3 Datasheet HTML 43Page - Intel Corporation 28F008B3 Datasheet HTML 44Page - Intel Corporation 28F008B3 Datasheet HTML 45Page - Intel Corporation 28F008B3 Datasheet HTML 46Page - Intel Corporation 28F008B3 Datasheet HTML 47Page - Intel Corporation 28F008B3 Datasheet HTML 48Page - Intel Corporation 28F008B3 Datasheet HTML 49Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 46 / 49 page
background image
SMART 3 ADVANCED BOOT BLOCK–BYTE-WIDE
E
46
PRELIMINARY
APPENDIX B
WRITE STATE MACHINE CURRENT/NEXT STATES
Command Input (and Next State)
Current
State
SR.7
Data
When
Read
Read
Array
(FFH)
Program
Setup
(40/10H)
Erase
Setup
(20H)
Erase
Confirm
(D0H)
Program /
Erase
Susp.
(B0H)
Program /
Erase
Resume
(D0)
Read
Status
(70H)
Clear
Status
(50H)
Read ID
(90H)
Read Array
“1”
Array
Read
Array
Program
Setup
Erase
Setup
Read Array
Read
Status
Read
Array
Read
Identifier
Program
Setup
“1”
Status
Pgm.
1
Program (Command input = Data to be programmed)
Program
(Not Comp.)
“0”
Status
Program
Pgm Susp.
to Status
Program
Program
(Complete)
“1”
Status
Read
Array
Program
Setup
Erase
Setup
Read Array
Read
Status
Read
Array
Read
Identifier
Program
Suspend to
Status
“1”
Status
Prog.
Susp. to
Array
Program Suspend
to Array
Program
Program
Susp. to
Array
Program
Prog.
Susp. to
Status
Program Suspend to
Array
Program
Suspend to
Array
“1”
Array
Prog.
Susp. to
Array
Program Suspend
to Array
Program
Program
Susp. to
Array
Program
Prog.
Susp. to
Status
Prog.
Susp. to
Array
Prog.
Susp. to
Array
Erase Setup
“1”
Status
Erase Command Error
Erase
Erase
Cmd. Err.
Erase
Erase Command Error
Erase
Cmd. Error
“1”
Status
Read
Array
Program
Setup
Erase
Setup
Read Array
Read
Status
Read
Array
Read
Identifier
Erase
(Not Comp)
“0”
Status
Erase
Ers. Susp.
to Status
Erase
Erase
(Complete)
“1”
Status
Read
Array
Program
Setup
Erase
Setup
Read Array
Read
Status
Read
Array
Read
Identifier
Erase
Suspend to
Status
“1”
Status
Erase
Susp. to
Array
Program
Setup
Erase
Susp. to
Array
Erase
Erase
Susp. to
Array
Erase
Erase
Susp. to
Status
Erase Suspend
to Array
Erase. Susp.
to Array
“1”
Array
Erase
Susp. to
Array
Program
Setup
Erase
Susp. to
Array
Erase
Erase
Susp. to
Array
Erase
Erase
Susp. to
Status
Erase Suspend
to Array
Read Status
“1”
Status
Read
Array
Program
Setup
Erase
Setup
Read Array
Read
Status
Read
Array
Read
Identifier
Read
Identifier
“1”
ID
Read
Array
Program
Setup
Erase
Setup
Read Array
Read
Status
Read
Array
Read
Identifier
1.
You cannot program “1”s to the flash. Writing FFH following the Program Setup will initiate the internal program algorithm
of the WSM. Although the algorithm will execute, array data is not changed. The WSM returns to read status mode without
reporting any error. Assuming VPP > VPPLK writing a second FFH while in read status mode will return the flash to read
array mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com