Electronic Components Datasheet Search
  English  ▼

X  

AN3165 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3165
Description  Digital PFC and dual FOC MC integration
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3165 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3165 Datasheet HTML 2Page - STMicroelectronics AN3165 Datasheet HTML 3Page - STMicroelectronics AN3165 Datasheet HTML 4Page - STMicroelectronics AN3165 Datasheet HTML 5Page - STMicroelectronics AN3165 Datasheet HTML 6Page - STMicroelectronics AN3165 Datasheet HTML 7Page - STMicroelectronics AN3165 Datasheet HTML 8Page - STMicroelectronics AN3165 Datasheet HTML 9Page - STMicroelectronics AN3165 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Safety and operating instructions
AN3165
6/31
Doc ID 17180 Rev 1
1
Safety and operating instructions
1.1
General
During assembly and operation, the PFC power board poses several inherent hazards,
including bare wires, moving or rotating parts and hot surfaces. Serious personal injury and
damage to property may occur if the kit or its components are used or installed incorrectly.
All operations involving transportation, installation, use and maintenance should be carried
out by skilled technical personnel (national accident prevention rules must be observed).
"Skilled technical personnel" refers to suitably qualified persons who are familiar with the
installation, use and maintenance of power electronic systems.
Warning:
The board operates directly from the mains, is not galvanic
insulated, and provides high voltage DC levels at the output
that can cause serious electric shock, burns or death. Hot
surfaces on the board can also cause burns.
This board must only be used in a power laboratory by engineers and technicians who are
experienced in power electronics’ technology and with adequate protection.
STMicroelectronics shall not be considered responsible for damages to equipment or
persons.
1.2
Intended use of the demonstration board
The system is designed for demonstration purposes only, and must not be used for electrical
installations or machinery. Technical data and information concerning the supply conditions
must be taken from the documentation provided and strictly observed.
1.3
Installation of the demonstration board
The system’s installation and cooling must be in accordance with the specifications and
targeted application.
Excessive strain on the board must be avoided. In particular, no components are to be
bent, or isolating distances altered, during the course of transportation or handling.
No contact must be made with other electronic components and contacts.
The board contains electro-statically sensitive components that are prone to damage
through improper use. To avoid potential health risks, ensure that the electrical
components are not damaged in any way.
1.4
Electronic connection
National accident prevention rules must be followed when working on the main power
supply with another power supply or power board in general.
The electrical installation must be carried out in accordance with the appropriate
requirements (cross-sectional areas of conductors, fusing, PE connections, etc).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com