Electronic Components Datasheet Search
  English  ▼

X  

AN3165 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3165
Description  Digital PFC and dual FOC MC integration
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3165 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3165 Datasheet HTML 16Page - STMicroelectronics AN3165 Datasheet HTML 17Page - STMicroelectronics AN3165 Datasheet HTML 18Page - STMicroelectronics AN3165 Datasheet HTML 19Page - STMicroelectronics AN3165 Datasheet HTML 20Page - STMicroelectronics AN3165 Datasheet HTML 21Page - STMicroelectronics AN3165 Datasheet HTML 22Page - STMicroelectronics AN3165 Datasheet HTML 23Page - STMicroelectronics AN3165 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
Integration principles and description
AN3165
20/31
Doc ID 17180 Rev 1
Figure 12.
Voltage management timing in integrated firmware
The dual FOC MC uses left-aligned data for the injected group while the digital PFC uses
right-aligned data for the regular group. Therefore, the converted values coming from the
code written for the digital PFC part have to be adjusted to fit the format of data used by the
dual FOC MC part.
4.2.3
Conflicts between I/O pins
As described in Section 3.3, the dual FOC MC uses a DAC for debugging purposes.
Because the DAC takes control of PA4 (DAC_OUT_1) and PA5 (DAC_OUT_2), it is not
possible to use it: the same pins are used by the digital PFC to read the PFC current and
input AC voltage.
Another conflict is generated on the PC9 pin, which represents both the TIM8_CH4 and
TIM3_CH4 signal outputs for the dual FOC MC and digital PFC respectively.
TIM3_CH4 is used to drive the power MOSFET gate, while TIM8_CH4 (or better, an edge
commutation on it) is used internally as the trigger input for the ADC3 start conversion.
Although TIM8_CH4 is used as an internal trigger for ADC3, disabling its output on the PC9
pin also disables its triggering functionality. As such, it is necessary to use another start
trigger source for the injected conversion of ADC3.
Figure 13.
Triggers for STM32 ADC3
Figure 13
shows the trigger sources for the injected conversion of ADC3. Signals from TIM1
and TIM8 are already used.
TIM4_CH3 is mapped to pins used by the dual FOC MC.
TIM5_CH4 is mapped to PA3, which is used by the digital PFC (see Table 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com