Electronic Components Datasheet Search
  English  ▼

X  

AN3165 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3165
Description  Digital PFC and dual FOC MC integration
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3165 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3165 Datasheet HTML 5Page - STMicroelectronics AN3165 Datasheet HTML 6Page - STMicroelectronics AN3165 Datasheet HTML 7Page - STMicroelectronics AN3165 Datasheet HTML 8Page - STMicroelectronics AN3165 Datasheet HTML 9Page - STMicroelectronics AN3165 Datasheet HTML 10Page - STMicroelectronics AN3165 Datasheet HTML 11Page - STMicroelectronics AN3165 Datasheet HTML 12Page - STMicroelectronics AN3165 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
AN3165
STM32 digital PFC
Doc ID 17180 Rev 1
9/31
THD between 0.9% and 9% within entire operating range
Boost topology for DC to DC converter
Continuous conduction mode for PFC
Switching frequency of 80 kHz
Control loop frequency of 40 kHz
Hardware overcurrent protection (14.3 A)
Software current limitation (13 A)
Software overvoltage protection (460 Vdc)
Software voltage limitation (435 Vdc)
Regulated DC output voltage with zero load
Adjustable target value of output DC voltage (by firmware)
Adjustable proportional and integral parameters for voltage and current (by
firmware)
Figure 1.
Block representation of STM32 digital PFC concept
2.3
System architecture
To perform a digital power factor correction, the MCU of the control stage needs three input
signals.
Output DC voltage
Input AC voltage
Inductor current
From these inputs, the MCU control software modulates the duty cycle of the switching
signal applied to the gate of the MOSFET transistor so that the AC input current is in phase
with the input AC voltage. Moreover, the control strategy keeps the output DC voltage
regulated at a stable value (target output reference voltage).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com