Electronic Components Datasheet Search
  English  ▼

X  

AN3165 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3165
Description  Digital PFC and dual FOC MC integration
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3165 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3165 Datasheet HTML 8Page - STMicroelectronics AN3165 Datasheet HTML 9Page - STMicroelectronics AN3165 Datasheet HTML 10Page - STMicroelectronics AN3165 Datasheet HTML 11Page - STMicroelectronics AN3165 Datasheet HTML 12Page - STMicroelectronics AN3165 Datasheet HTML 13Page - STMicroelectronics AN3165 Datasheet HTML 14Page - STMicroelectronics AN3165 Datasheet HTML 15Page - STMicroelectronics AN3165 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
STM32 digital PFC
AN3165
12/31
Doc ID 17180 Rev 1
Figure 4.
Digital PFC timing
2.6
CPU load and memory size
Through experimental measurements, the CPU (operating at 72 MHz) takes 4.27 µs to
execute the code of the "PFC Routine". By referring this time to a PFC control loop time of
25 µs (40 kHz), the CPU load can be computed as:
Equation 1
Table 2 reports the size of the PFC.o object module in terms of Flash and RAM memory
sizes.
Table 2.
STM32 digital PFC module summary
Read-only code (Flash)
Read-only data (Flash)
Read/write data (RAM)
2088
214
100
CPU load=
%
17
μs
25
μs
27
.
4
≅



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com