Electronic Components Datasheet Search
  English  ▼

X  

AN3165 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3165
Description  Digital PFC and dual FOC MC integration
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3165 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3165 Datasheet HTML 12Page - STMicroelectronics AN3165 Datasheet HTML 13Page - STMicroelectronics AN3165 Datasheet HTML 14Page - STMicroelectronics AN3165 Datasheet HTML 15Page - STMicroelectronics AN3165 Datasheet HTML 16Page - STMicroelectronics AN3165 Datasheet HTML 17Page - STMicroelectronics AN3165 Datasheet HTML 18Page - STMicroelectronics AN3165 Datasheet HTML 19Page - STMicroelectronics AN3165 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
STM32 dual motor field-oriented control
AN3165
16/31
Doc ID 17180 Rev 1
3.4
Timing
Figure 8.
ADC and FOC execution timing diagram
The two triangular-shaped signals represent the two synchronized timer counters. The
update points for each timer are indicated with a U. The update point is the moment at which
the computed values of the duty cycle registers become active.
To allow dual motor control, each timer is updated every two PWM periods (REP RATE = 3),
but not at the same time (each update is shifted by one PWM period).
The trigger point for the ADC conversion occurs during the ACD triggering interval, depicted
by a red bar in Figure 8.
The ADC’s triggering interval related to a specific timer does not overlap the other, so the
samplings can be performed using the same ADC peripheral (ADC3).
Space for both FOC instructions must be guaranteed and the routines completed before the
next corresponding update event.
3.5
CPU load and memory size
Figure 9.
Free MCU time vs PWM frequency in dual FOC MC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com