Electronic Components Datasheet Search
  English  ▼

X  

AN3165 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN3165
Description  Digital PFC and dual FOC MC integration
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3165 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN3165 Datasheet HTML 15Page - STMicroelectronics AN3165 Datasheet HTML 16Page - STMicroelectronics AN3165 Datasheet HTML 17Page - STMicroelectronics AN3165 Datasheet HTML 18Page - STMicroelectronics AN3165 Datasheet HTML 19Page - STMicroelectronics AN3165 Datasheet HTML 20Page - STMicroelectronics AN3165 Datasheet HTML 21Page - STMicroelectronics AN3165 Datasheet HTML 22Page - STMicroelectronics AN3165 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
AN3165
Integration principles and description
Doc ID 17180 Rev 1
19/31
The data in Table 4 suggests maintaining the PFC firmware sampling strategy and adding
the sub-motor voltage bus conversion in the first group in place of the dummy value. It is
necessary to specify when the firmware of the MC part has to use these values.
Figure 11.
Voltage management timing in STM32 dual FOC MC
As shown in Figure 11, with the dual MC firmware the TIM1_UP event triggers the starts for
ADC1 and ADC2. At the end of the conversion, the related ADC1_2_IRQ routine processes
the acquired bus voltages of the main and sub motor stages.
In the integrated firmware, since the two bus voltages are already converted by the firmware
of the PFC part, they have to be passed to the MC part at the correct moment, like the dual
MC firmware has done, that is, immediately after the TIM1 update event.
To replicate this behavior, an auxiliary timer (TIM4) is used that processes the bus voltages
after the TIM1_UP event. In practice, the code executed in the ADC1_2 IRQ routine in the
dual FOC MC part is now executed inside the TIM4_IRQ routine.
Table 4.
Use of A/D converters by both firmware sets
Control loop
frequency
Digital PFC
Dual FOC MC
40 kHz
6 kHz
Regular conversions
Injected conversions
1st conversion group
2nd conversion group
Every conversion
ADC1
VDC
IAC
Vinmain_motor
ADC2
Dummy
VAC
Vinsub_motor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com