Electronic Components Datasheet Search
  English  ▼

X  

AN3165 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN3165
Description  Digital PFC and dual FOC MC integration
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3165 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN3165 Datasheet HTML 14Page - STMicroelectronics AN3165 Datasheet HTML 15Page - STMicroelectronics AN3165 Datasheet HTML 16Page - STMicroelectronics AN3165 Datasheet HTML 17Page - STMicroelectronics AN3165 Datasheet HTML 18Page - STMicroelectronics AN3165 Datasheet HTML 19Page - STMicroelectronics AN3165 Datasheet HTML 20Page - STMicroelectronics AN3165 Datasheet HTML 21Page - STMicroelectronics AN3165 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
Integration principles and description
AN3165
18/31
Doc ID 17180 Rev 1
4
Integration principles and description
4.1
Aim
The goal of this integration firmware is to merge the two sets of firmware described
previously into one single set that will manage both the dual FOC MC and the digital PFC
through one single STM32 MCU.
Figure 10.
Integrated firmware elements
4.2
Resource constraints
Several elements must be checked before the firmware can be integrated.
●
Availability of CPU load
●
Conflicts between peripherals
●
Conflicts between ports
●
IRQ priorities
4.2.1
CPU load
From the findings described in Section 2.6 and Section 3.5, it has been demonstrated that
there is sufficient CPU load available. The "STM32 Digital PFC" has a CPU load of 17% at
40 kHz, while it is of 58% at 12 kHz for the "STM32 dual FOC MC software demonstrator".
4.2.2
Conflicts between peripherals
From Section 2.4 and Section 3.3, it is deduced that both firmware sets use ADC1 and
ADC2. Table 4 explains their use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com