Electronic Components Datasheet Search
  English  ▼

X  

AN3165 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3165
Description  Digital PFC and dual FOC MC integration
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3165 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3165 Datasheet HTML 4Page - STMicroelectronics AN3165 Datasheet HTML 5Page - STMicroelectronics AN3165 Datasheet HTML 6Page - STMicroelectronics AN3165 Datasheet HTML 7Page - STMicroelectronics AN3165 Datasheet HTML 8Page - STMicroelectronics AN3165 Datasheet HTML 9Page - STMicroelectronics AN3165 Datasheet HTML 10Page - STMicroelectronics AN3165 Datasheet HTML 11Page - STMicroelectronics AN3165 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
STM32 digital PFC
AN3165
8/31
Doc ID 17180 Rev 1
2
STM32 digital PFC
2.1
Introduction
A power factor correction (PFC)–also known as a power factor controller–is a feature that
reduces the amount of reactive power generated by a non-linear load. Loads such as
electrical motors distort the current drawn from the system and, in such cases, a power
factor correction may be used to counteract the distortion and raise the power factor.
Reactive power operates at right angles to true power and energizes the magnetic field.
Reactive power has no real value for an electronic device, but electric companies charge for
both true and reactive power, resulting in unnecessary charges. PFC is a required feature
for power supplies shipped to or within Europe.
In a PFC, the power factor is the ratio of the true power divided by the reactive power. The
value of the power factor is between 0 and 1. If the power factor is above 0.8, the device is
using power efficiently. A standard power supply has a power factor of 0.70 to 0.75, and a
power supply with PFC has a power factor of 0.95 to 0.99.
PFC equipment is used to reduce the reactive power produced by fluorescent and high bay
lighting, arc furnaces, induction welders and equipment that uses electrical motors.
2.2
System overview
This demonstration board implements a digital control for a high-power PFC controlled by an
STM32. It has been designed to offer high performances in terms of PF, THD and DC output
voltage ripple.
Contrarily to monolithic ICs, this digital approach facilitates the application of a sophisticated
control algorithm and makes it easier to adjust system parameters to meet customer
requirements.
The STM32 digital PFC hardware system is composed of two boards: a digital PFC board
(STEVAL-ISF002V1) that implements the boost stage of the PFC, and a control board
(STEVAL-IHM022V1) based on the STM32F103ZE microcontroller that implements the
control stage of the PFC.
The digital PFC board can be connected through an MC connector to several evaluation kits
available from STMicroelectronics, in particular those designed for motor control.
An on-board OFF-line switched mode power supply (SMPS) based on the VIPER12 is used
to generate the 15 VDC voltages necessary to supply the drivers inside the power board.
This board provides 5 volts to any control stage supplied via the MC connector.
Note:
Refer to user manual UM0877 for a description of the STM32 digital PFC and an application
example.
●
Main system features
–
Maximum output power:1400 W
–
Input voltage range: 185 ÷ 230 Vrms / 50 Hz
–
Output voltage: 415 Vdc / 5% ripple
–
PF up to 0.998 (at nominal rated power)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com