Electronic Components Datasheet Search
  English  ▼

X  

AN3165 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN3165
Description  Digital PFC and dual FOC MC integration
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3165 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN3165 Datasheet HTML 13Page - STMicroelectronics AN3165 Datasheet HTML 14Page - STMicroelectronics AN3165 Datasheet HTML 15Page - STMicroelectronics AN3165 Datasheet HTML 16Page - STMicroelectronics AN3165 Datasheet HTML 17Page - STMicroelectronics AN3165 Datasheet HTML 18Page - STMicroelectronics AN3165 Datasheet HTML 19Page - STMicroelectronics AN3165 Datasheet HTML 20Page - STMicroelectronics AN3165 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
AN3165
STM32 dual motor field-oriented control
Doc ID 17180 Rev 1
17/31
In the released code for the "STM32 dual FOC MC software demonstrator" the frequency of
the PWM is set to 12 kHz. Therefore, according to Figure 9, the CPU load is approximately
52%.
Table 3.
STM32 dual FOC MC module data summary
Read-only code
Read-only data
Read/write data
20932
1356
826



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com