Electronic Components Datasheet Search
  English  ▼

X  

AN3165 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN3165
Description  Digital PFC and dual FOC MC integration
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3165 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN3165 Datasheet HTML 6Page - STMicroelectronics AN3165 Datasheet HTML 7Page - STMicroelectronics AN3165 Datasheet HTML 8Page - STMicroelectronics AN3165 Datasheet HTML 9Page - STMicroelectronics AN3165 Datasheet HTML 10Page - STMicroelectronics AN3165 Datasheet HTML 11Page - STMicroelectronics AN3165 Datasheet HTML 12Page - STMicroelectronics AN3165 Datasheet HTML 13Page - STMicroelectronics AN3165 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
STM32 digital PFC
AN3165
10/31
Doc ID 17180 Rev 1
Figure 2.
STM32 digital PFC: connections for the boost and control stages
The "voltage error compensator" regulates the output DC voltage at the target reference
VDCREF. Its output is then used as a scaling factor for the input Vac. This product
constitutes the current reference input IACREF for the "current error compensator",
operating at 40 kHz. The output of this last PI is the actual duty cycle applied at the gate of
the power MOSFET transistor Q.
The "voltage error compensator" uses a frequency of 100 Hz, in line with the Vdc ripple that
has this frequency.
The "current error compensator" uses a frequency of 40 kHz, which is the frequency at
which the system gets the new converted values of all the necessary signals.
2.4
STM32 peripheral utilization
The following peripherals are used to implement the digital PFC.
●
TIM3: its frequency is fixed at 80 kHz. CH4 is used to drive the PFC MOSFET whereas
CH3 is used as the start trigger for ADC1_2.
●
ADC1: converts the output DC voltage (Vdc) and inductor current (Iac) alternatively.
●
ADC2: converts a dummy value and input AC voltage (Vac) alternatively. ADC2 is set
as the slave of ADC1 for simultaneous conversions. The dummy value is replaced with
the sub-motor bus voltage when this firmware is merged with the MC firmware.
●
DMA1: stores the converted values by means of its CH1. As soon as all values have
been converted (with a frequency of 40 kHz), an IRQ is generated and the PFC routine
is executed.
●
EXTI_LINE1: retrieves overcurrent information from the power section. An IRQ is
generated and the digital PFC is stopped if an overcurrent condition is detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com