Electronic Components Datasheet Search
  English  ▼

X  

AN3165 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3165
Description  Digital PFC and dual FOC MC integration
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3165 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3165 Datasheet HTML 7Page - STMicroelectronics AN3165 Datasheet HTML 8Page - STMicroelectronics AN3165 Datasheet HTML 9Page - STMicroelectronics AN3165 Datasheet HTML 10Page - STMicroelectronics AN3165 Datasheet HTML 11Page - STMicroelectronics AN3165 Datasheet HTML 12Page - STMicroelectronics AN3165 Datasheet HTML 13Page - STMicroelectronics AN3165 Datasheet HTML 14Page - STMicroelectronics AN3165 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
AN3165
STM32 digital PFC
Doc ID 17180 Rev 1
11/31
Figure 3.
Use of peripherals for STM32 digital PFC
Table 1 describes the STM32 pins and their purpose.
2.5
Timing
The signal output from TIM3_CH4 is applied to the power MOSFET gate and its frequency
is fixed at 80 kHz; its duty cycle varies and is linked to the control strategy of the digital PFC.
TIM3_CH3 is used to trigger ADC1: a conversion is started at the end of each ON period.
The duty cycle of TIM3_CH3 is equal to half that of TIM3_CH4 but never lower than 1 µs to
avoid invalid conversions due to noise generated by the switching of the power MOSFET.
Figure 4 shows the triggering mechanism of TIM3, ADC and DMA1.
Table 1.
STM32F103ZE pin description
MCU pin
Description
MC + PFC connector
PA.03
Vdc – PFC output DC voltage
14
PA.04
Iac – PFC current
24
PA.05
Vac – input AC voltage
22
PC.09
PFC power MOSFET driver
29
PD.02
Vac zero-crossing detection
27
PD.10
Drives the relay to bypass the resistor when there is in-rush
current at start up
21
PE.01
PFC hardware overcurrent detection
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com