Electronic Components Datasheet Search
  English  ▼

X  

UPD178016 Datasheet(PDF) 27 Page - NEC

Part # UPD178016
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD178016 Datasheet(HTML) 27 Page - NEC

Back Button UPD178016 Datasheet HTML 23Page - NEC UPD178016 Datasheet HTML 24Page - NEC UPD178016 Datasheet HTML 25Page - NEC UPD178016 Datasheet HTML 26Page - NEC UPD178016 Datasheet HTML 27Page - NEC UPD178016 Datasheet HTML 28Page - NEC UPD178016 Datasheet HTML 29Page - NEC UPD178016 Datasheet HTML 30Page - NEC UPD178016 Datasheet HTML 31Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
27
µPD178004, 178006, 178016, 178018
7. STANDBY FUNCTION
There are the following two standby functions to reduce the system power consumption.
• HALT mode : The CPU operating clock is stopped.
The average consumption current can be reduced by intermittent operation in combination with
the normal operating mode.
• STOP mode : The system clock oscillation is stopped. All operations by the system clock are stopped and
current consumption can be considerably reduced.
Figure 7-1. Stand-by Function
8. RESET FUNCTION
There are the following three reset methods.
• External reset input by RESET pin
• Internal reset by watchdog timer runaway time detection
• Internal reset by Power-On Clear (POC).
System Clock Operation
STOP Mode
(System clock
oscillation stopped)
HALT Mode
(Clock supply to CPU is
stopped, oscillation
continued)
Interrupt
Request
Interrupt
Request
HALT
Instruction
STOP
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com