Electronic Components Datasheet Search
  English  ▼

X  

UPD178016 Datasheet(PDF) 33 Page - NEC

Part # UPD178016
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD178016 Datasheet(HTML) 33 Page - NEC

Back Button UPD178016 Datasheet HTML 29Page - NEC UPD178016 Datasheet HTML 30Page - NEC UPD178016 Datasheet HTML 31Page - NEC UPD178016 Datasheet HTML 32Page - NEC UPD178016 Datasheet HTML 33Page - NEC UPD178016 Datasheet HTML 34Page - NEC UPD178016 Datasheet HTML 35Page - NEC UPD178016 Datasheet HTML 36Page - NEC UPD178016 Datasheet HTML 37Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
33
µPD178004, 178006, 178016, 178018
DC CHARACTERISTICS (TA = –40 to +85
°C, VDD = 3.5 to 5.5 V)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Power SupplyNote 1
IDD1
While the CPU is operating
TCY = 0.89
µsNote 2
2.5
15
mA
Current
and the PLL is stopped
IDD2
fX = 4.5 MHz operation
TCY = 0.44
µsNote 3
4.0
27
mA
VDD = 4.5 to 5.5 V
IDD3
While the CPU is operating
TCY = 0.89
µsNote 2
0.7
1.5
mA
and the PLL is stopped
HALT Mode
IDD4
Pin X1 sine wave
TCY = 0.44
µsNote 3
1.0
2.0
mA
input VIN = VDD.VDD = 4.5 to 5.5 V
fX = 4.5 MHz operation
Data Hold
VDR1
When the crystal is oscillating
TCY = 0.44
µs
4.5
5.5
V
Power Supply
VDR2
TCY = 0.89
µs
3.5
5.5
V
Voltage
VDR3
When the crystal oscillator is stopped
2.6
5.5
V
When power off by Power On Clear is detected
Data Hold
IDR1
While the crystal oscillator
TA = 25
°C, VDD = 5V
2
4
µA
Power Supply Current IDR2
is stopped
230
µA
Notes 1. The port current is not included.
2. When the Processor Clock Control register (PCC) is set at 00H, and the Oscillation Mode Select
register (OSMS) is set at 00H.
3. When PCC is set at 00H and OSMS is set at 01H.
Remarks 1. TCY: Cycle Time (Minimum instruction execution time)
2. fx: System clock oscillator frequency.
REFERENCE CHARACTERISTICS (TA = 25
°C, VDD = 5 V)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Power Supply
IDD5
During CPU operation
TCY = 0.44
µsNote
7mA
Current
and PLL operation.
VCOH pin sine wave
input
fIN = 130 MHz,
VIN = 0.15 Vp-p
Note
When the Processor Clock Control register (PCC) is set at 00H, and the Oscillation Mode Select register
(OSMS) is set at 01H.
Remark TCY: Cycle Time (Minimum instruction execution time)
(3/3)
(2/2)
*
*
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com