Electronic Components Datasheet Search
  English  ▼

X  

UPD178016 Datasheet(PDF) 1 Page - NEC

Part # UPD178016
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD178016 Datasheet(HTML) 1 Page - NEC

  UPD178016 Datasheet HTML 1Page - NEC UPD178016 Datasheet HTML 2Page - NEC UPD178016 Datasheet HTML 3Page - NEC UPD178016 Datasheet HTML 4Page - NEC UPD178016 Datasheet HTML 5Page - NEC UPD178016 Datasheet HTML 6Page - NEC UPD178016 Datasheet HTML 7Page - NEC UPD178016 Datasheet HTML 8Page - NEC UPD178016 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
µPD178004,178006,178016,178018
MOS INTEGRATED CIRCUIT
The
µPD178004, 178006, 178016 and 178018 are 8-bit single-chip CMOS microcontrollers that incorporate
hardware for digital tuning systems.
The CPU uses the 78K/0 architecture and high-speed access to internal memory and control of peripheral
hardware are easy to implement. Also, the instructions used are the high-speed 78K/0 instructions, suitable for
system control.
The rich assortment of peripheral hardware includes an input/output port, 8-bit timer, A/D converter, serial
interface, power-ON clear circuits, as well as a pre-scaler for digital tuning, a PLL frequency synthesizer and a
frequency counter.
The
µPD178P018, one-time PROM or EPROM versions which can be operated in the same supply voltage
range as for the mask ROM versions, and various development tools, are also available.
For more information on functions, refer to the following User’s Manuals. Be sure to read them when
designing.
µPD178018 Subseries User’s Manual: U11410E
78K/0 Series User’s Manual Instruction: IEU-1372
FEATURES
• Internal high-capacity ROM and RAM
8-BIT SINGLE-CHIP MICROCONTROLLER
• Instruction Cycle: 0.44
µs (4.5-MHz crystal oscillator used)
• Large array of on-chip peripheral hardware
General-purpose input/output port, A/D converter, serial interface, timer, frequency counter, power-ON clear
circuits.
• On-chip hardware for a PLL frequency synthesizer.
Dual modulus pre-scaler, programmable divider, phase comparator, charge pump.
• Vector Interrupts: 17
• Supply Voltage: VDD = 4.5 to 5.5 V (during PLL operation)
VDD = 3.5 to 5.5 V (during CPU operation, when the system clock is fX/2 or lower)
VDD = 4.5 to 5.5 V (during CPU operation, when the system clock is fX)
Items
Program Memory
Data Memory
Product Name
ROM
Internal High-Speed RAM
Buffer RAM
Internal Expanded RAM
µPD178004
32 Kbytes
1024 bytes
32 bytes
Not provided
µPD178006
48 Kbytes
µPD178016
2048 bytes
µPD178018
60 Kbytes
The information in this document is subject to change without notice.
The mark
shows major revised points.
*
Document No. U11800EJ2V1DS00 (2nd Edition)
Date Published March 1997 N
Printed in Japan
©
1997
DATA SHEET


Similar Part No. - UPD178016

ManufacturerPart #DatasheetDescription
logo
NEC
UPD178016A NEC-UPD178016A Datasheet
314Kb / 56P
8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
UPD178016A RENESAS-UPD178016A Datasheet
416Kb / 58P
MOS INTEGRATED CIRCUIT
1997
logo
NEC
UPD178016AGC NEC-UPD178016AGC Datasheet
314Kb / 56P
8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
UPD178016AGC-XXX-3B9 RENESAS-UPD178016AGC-XXX-3B9 Datasheet
416Kb / 58P
MOS INTEGRATED CIRCUIT
1997
UPD178016GC-051 RENESAS-UPD178016GC-051 Datasheet
576Kb / 96P
MOS INTEGRATED CIRCUIT
1997
More results

Similar Description - UPD178016

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
SINGLE CHIP 8 BIT MICROCONTROLLER
logo
NEC
UPD78F9188CT NEC-UPD78F9188CT Datasheet
70Kb / 9P
8-BIT SINGLE-CHIP MICROCONTROLLER
logo
Siemens Semiconductor G...
SAB8032A SIEMENS-SAB8032A Datasheet
462Kb / 21P
8-Bit Single-Chip Microcontroller
logo
NEC
UPD78C18 NEC-UPD78C18 Datasheet
1Mb / 373P
8-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
XC886 INFINEON-XC886_1 Datasheet
4Mb / 144P
8-Bit Single-Chip Microcontroller
V0.9, Dec. 2006
SAL-XC886CLM INFINEON-SAL-XC886CLM Datasheet
870Kb / 134P
8-Bit Single Chip Microcontroller
V1.0 2010-05
XC835 INFINEON-XC835 Datasheet
1Mb / 56P
8-Bit Single-Chip Microcontroller
V1.2 2011-03
SAK-C505CA-4EMCA INFINEON-SAK-C505CA-4EMCA Datasheet
1Mb / 88P
8-Bit Single-Chip Microcontroller
Dec. 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com