Electronic Components Datasheet Search
  English  ▼

X  

UPD178016 Datasheet(PDF) 4 Page - NEC

Part # UPD178016
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD178016 Datasheet(HTML) 4 Page - NEC

  UPD178016 Datasheet HTML 1Page - NEC UPD178016 Datasheet HTML 2Page - NEC UPD178016 Datasheet HTML 3Page - NEC UPD178016 Datasheet HTML 4Page - NEC UPD178016 Datasheet HTML 5Page - NEC UPD178016 Datasheet HTML 6Page - NEC UPD178016 Datasheet HTML 7Page - NEC UPD178016 Datasheet HTML 8Page - NEC UPD178016 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
µPD178004, 178006, 178016, 178018
4
Product name
µPD178004
µPD178006
µPD178016
µPD178018
Item
Standby function
• HALT mode
• STOP mode
Reset
• Reset by RESET pin
• Internal reset by watchdog timer
• Reset by power-ON clear circuit (3-value detection)
• Detection of less than 4.5 VNote (CPU clock: fX)
• Detection of less than 3.5 VNote (CPU clock: fX/2 or less and on power application)
• Detection of less than 2.5 VNote (in STOP mode)
Power supply voltage
• VDD = 4.5 to 5.5 V (with PLL operating)
•VDD = 3.5 to 5.5 V (with CPU operating, CPU clock: fX/2 or less)
•VDD = 4.5 to 5.5 V (with CPU operating, CPU clock: fX)
Package
• 80-pin plastic QFP (14
× 14 mm, 0.65-mm pitch)
Note
These voltage values are maximum values. The reset is actually executed at a voltage lower than these
values.
(2/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com