Electronic Components Datasheet Search
  English  ▼

X  

UPD178016 Datasheet(PDF) 38 Page - NEC

Part # UPD178016
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD178016 Datasheet(HTML) 38 Page - NEC

Back Button UPD178016 Datasheet HTML 34Page - NEC UPD178016 Datasheet HTML 35Page - NEC UPD178016 Datasheet HTML 36Page - NEC UPD178016 Datasheet HTML 37Page - NEC UPD178016 Datasheet HTML 38Page - NEC UPD178016 Datasheet HTML 39Page - NEC UPD178016 Datasheet HTML 40Page - NEC UPD178016 Datasheet HTML 41Page - NEC UPD178016 Datasheet HTML 42Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
38
µPD178004, 178006, 178016, 178018
(vii) I2C Bus mode (SCL ... internal clock output)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
SCL cycle time
tKCY7
R = 1 k
Ω
10
µs
SCL high-level width
tKH7
C = 100 pFNote
tKCY7 – 160
ns
SCL low-level width
tKL7
tKCY7 – 50
ns
SDA0, SDA1 setup time (to SCL
↑) tSIK7
200
ns
SDA0, SDA1 hold time
tKSI7
0ns
(from SCL
↓)
SDA0, SDA1 output delay time
tKSO7
4.5 V
≤ VDD ≤ 5.5 V
0
300
ns
(from SCL
↓)
3.5 V
≤ VDD < 4.5 V
0
500
ns
SDA0, SDA1
↓ from SCL↑ or
tKSB
200
ns
SDA0, SDA1
↑ from SCL↑
SCL
↓ from SDA0, SDA1↓
tSBK
400
ns
SDA0, SDA1 high-level width
tSBH
500
ns
Note
R and C are the load resistance and load capacitance of SCL, SDA0 and SDA1 output line.
(viii) I2C Bus mode (SCL ... external clock input)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
SCL cycle time
tKCY8
1000
ns
SCL high-/low-level width
tKH8, tKL8
400
ns
SDA0, SDA1 setup time (to SCL
↑) tSIK8
200
ns
SDA0, SDA1 hold time
tKSI8
0ns
(from SCL
↓)
SDA0, SDA1 output delay time
tKSO8
R = 1 k
Ω
4.5 V
≤ VDD ≤ 5.5 V
0
300
ns
from SCL
↓
C = 100 pFNote 3.5 V
≤ VDD < 4.5 V
0
500
ns
SDA0, SDA1
↓ from SCL↑ or
tKSB
200
ns
SDA0, SDA1
↑ from SCL↑
SCL
↓ from SDA0, SDA1↓
tSBK
400
ns
SDA0, SDA1 high-level width
tSBH
500
ns
SCL at rising or falling edge time
tR8, tF8
1000
ns
Note
R and C are the load resistance and load capacitance of SDA0 and SDA1 output line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com