Electronic Components Datasheet Search
  English  ▼

X  

UPD178016 Datasheet(PDF) 6 Page - NEC

Part # UPD178016
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD178016 Datasheet(HTML) 6 Page - NEC

Back Button UPD178016 Datasheet HTML 2Page - NEC UPD178016 Datasheet HTML 3Page - NEC UPD178016 Datasheet HTML 4Page - NEC UPD178016 Datasheet HTML 5Page - NEC UPD178016 Datasheet HTML 6Page - NEC UPD178016 Datasheet HTML 7Page - NEC UPD178016 Datasheet HTML 8Page - NEC UPD178016 Datasheet HTML 9Page - NEC UPD178016 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
6
µPD178004, 178006, 178016, 178018
1. PIN CONFIGURATION (TOP VIEW)
• 80-PIN PLASTIC QFP (14
× 14 mm, 0.65 mm pitch)
µPD178004GC-×××-3B9, 178006GC-×××-3B9
µPD178016GC-×××-3B9, 178018GC-×××-3B9
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
P10/ANI0
P11/ANI1
P12/ANI2
P13/ANI3
P14/ANI4
P15/ANI5
P20/SI1
P21/SO1
P22/SCK1
P23/STB
P24/BUSY
P25/SI0/SB0/SDA0
P26/SO0/SB1/SDA1
P27/SCK0/SCL
P132/PWM0
P133/PWM1
P134/PWM2
P40
P41
P42
P37
P36/BEEP
P35
P34/TI2
P33/TI1
P32
P31
P30
P67
P66
P65
P64
P63
P62
P61
P60
P57
P56
P55
P54
21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61
Cautions 1. Connect the Internally Connected (IC) pin to GND directly.
2. Connect VDDPORT and VDDPLL pins to VDD.
3. Connect the GNDPORT and GNDPLL pins to GND.
4. Connect each of the REGOSC and REGCPU pins to GND via a 0.1-
µF capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com