Electronic Components Datasheet Search
  English  ▼

X  

UPD178016 Datasheet(PDF) 31 Page - NEC

Part # UPD178016
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD178016 Datasheet(HTML) 31 Page - NEC

Back Button UPD178016 Datasheet HTML 27Page - NEC UPD178016 Datasheet HTML 28Page - NEC UPD178016 Datasheet HTML 29Page - NEC UPD178016 Datasheet HTML 30Page - NEC UPD178016 Datasheet HTML 31Page - NEC UPD178016 Datasheet HTML 32Page - NEC UPD178016 Datasheet HTML 33Page - NEC UPD178016 Datasheet HTML 34Page - NEC UPD178016 Datasheet HTML 35Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
31
µPD178004, 178006, 178016, 178018
DC CHARACTERISTICS (TA = –40 to +85
°C, VDD = 3.5 to 5.5 V)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Input voltage high
VIH1
P10 to P15, P21, P23,
0.7 VDD
VDD
V
P30 to P32, P35 to P37,
P40 to P47, P50 to P57,
P64 to P67, P120 to P125
VIH2
P00 to P06, P20, P22,
0.85 VDD
VDD
V
P24 to P27, P33, P34,
RESET
VIH3
P60 to P63
0.7 VDD
15
V
(N-ch Open-drain)
Input voltage low
VIL1
P10 to P15, P21, P23,
0
0.3 VDD
V
P30 to P32, P35 to P37,
P40 to P47, P50 to P57,
P64 to P67, P120 to P125
VIL2
P00 to P06, P20, P22,
0
0.15 VDD
V
P24 to P27, P33, P34,
RESET
VIL3
P60 to P63
4.5 V
≤ VDD ≤ 5.5 V
0
0.3 VDD
V
(N-ch Open-drain)
3.5 V
≤ VDD < 4.5 V
0
0.2 VDD
V
Output voltage high VOH1
4.5 V
≤ VDD ≤ 5.5 V
VDD – 1.0
V
IOH = –1 mA
3.5 V
≤ VDD < 4.5 V
VDD – 0.5
V
IOH = –100
µA
Output voltage low
VOL1
P50 to P57, P60 to P63
VDD = 4.5 to 5.5 V,
0.4
2.0
V
IOH = 15 mA
P01 to P06, P10 to P15,
VDD = 4.5 to 5.5 V,
0.4
V
P20 to P27, P30 to P37,
IOL = 1.6 mA
P40 to P47, P64 to P67,
P120 to P125,
P132 to P134
VOL2
SB0, SB1, SCK0
VDD = 4.5 to 5.5 V,
0.2 VDD
V
open-drain pulled-up
(R = 1 K
Ω)
Remark The characteristics of an alternate function pin and a port pin are the same unless specified otherwise.
(1/3)
*
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com