Electronic Components Datasheet Search
  English  ▼

X  

UPD178016 Datasheet(PDF) 47 Page - NEC

Part # UPD178016
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD178016 Datasheet(HTML) 47 Page - NEC

Back Button UPD178016 Datasheet HTML 43Page - NEC UPD178016 Datasheet HTML 44Page - NEC UPD178016 Datasheet HTML 45Page - NEC UPD178016 Datasheet HTML 46Page - NEC UPD178016 Datasheet HTML 47Page - NEC UPD178016 Datasheet HTML 48Page - NEC UPD178016 Datasheet HTML 49Page - NEC UPD178016 Datasheet HTML 50Page - NEC UPD178016 Datasheet HTML 51Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 56 page
background image
47
µPD178004, 178006, 178016, 178018
12. RECOMMENDED SOLDERING CONDITIONS
This product should be soldered and mounted under the conditions recommended in the table below.
For detail of recommended soldering conditions, refer to the information document “Semiconductor Device
Mounting Technology Manual” (C10535E).
For soldering methods and conditions other than those recommended below, contact an NEC sales representa-
tive.
Table 12-1. Surface Mounting Type Soldering Conditions
µPD178004GC-×××-3B9 : 80-pin plastic QFP (14 × 14 mm, 0.65 mm pitch)
µPD178006GC-×××-3B9 : 80-pin plastic QFP (14 × 14 mm, 0.65 mm pitch)
µPD178016GC-×××-3B9 : 80-pin plastic QFP (14 × 14 mm, 0.65 mm pitch)
µPD178018GC-×××-3B9 : 80-pin plastic QFP (14 × 14 mm, 0.65 mm pitch)
Package peak temperature: 235
°C, Duration: 30 sec. max. (at 210°C or above),
Number of times: Three times max.
Package peak temperature: 215
°C, Duration: 40 sec. max. (at 200°C or above),
Number of times: Three times max.
Solder bath temperature : 260
°C max., Duration : 10 sec. max., Number of times
: once, Preheating temperature : 120
°C max.
(package surface temperature)
Pin temperature: 300
°C max. Duration: 3 sec. max. (per pin row)
Infrared reflow
VPS
Wave soldering
Partial heating
IR35-00-3
VP15-00-3
WS60-00-1
—
Recommended
Condition Symbol
Soldering Conditions
Soldering Method
Caution Do not use different soldering method together (except for partial heating).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com