Electronic Components Datasheet Search
  English  ▼

X  

UPD178016 Datasheet(PDF) 18 Page - NEC

Part # UPD178016
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD178016 Datasheet(HTML) 18 Page - NEC

Back Button UPD178016 Datasheet HTML 14Page - NEC UPD178016 Datasheet HTML 15Page - NEC UPD178016 Datasheet HTML 16Page - NEC UPD178016 Datasheet HTML 17Page - NEC UPD178016 Datasheet HTML 18Page - NEC UPD178016 Datasheet HTML 19Page - NEC UPD178016 Datasheet HTML 20Page - NEC UPD178016 Datasheet HTML 21Page - NEC UPD178016 Datasheet HTML 22Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
18
µPD178004, 178006, 178016, 178018
Figure 5-5. Watchdog Timer Block Diagram
Control
Circuit
8-Bit Counter
Prescaler
INTWDT
Non-Maskable
Interrupt Request
INTWDT
Maskable
Interrupt Request
Reset
Selector
2
f xx
4
2
f xx
5
2
f xx
6
2
f xx
7
2
f xx
8
2
f xx
9
2
f xx
11
2
f xx
3
5.4 BUZZER OUTPUT CONTROL CIRCUIT
The clock with the following frequency can be output as a buzzer output.
• 1.5 kHz/3 kHz/6 kHz (@ 4.5-MHz crystal oscillator with system clock)
Figure 5-6. Buzzer Output Control Circuit Block Diagram
Internal Bus
1.5 kHz
3 kHz
6 kHz
TCL27 TCL26 TCL25
3
PM36
Timer Clock Select Register 2
Port Mode Register 3
BEEP/P36
P36
Output Latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com