Electronic Components Datasheet Search
  English  ▼

X  

UPD178016 Datasheet(PDF) 3 Page - NEC

Part # UPD178016
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD178016 Datasheet(HTML) 3 Page - NEC

  UPD178016 Datasheet HTML 1Page - NEC UPD178016 Datasheet HTML 2Page - NEC UPD178016 Datasheet HTML 3Page - NEC UPD178016 Datasheet HTML 4Page - NEC UPD178016 Datasheet HTML 5Page - NEC UPD178016 Datasheet HTML 6Page - NEC UPD178016 Datasheet HTML 7Page - NEC UPD178016 Datasheet HTML 8Page - NEC UPD178016 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
µPD178004, 178006, 178016, 178018
3
OUTLINE OF FUNCTION
Product name
µPD178004
µPD178006
µPD178016
µPD178018
Item
Internal
ROM (ROM configuration)
32 Kbytes
48 Kbytes
60 Kbytes
memory
(mask ROM)
(mask ROM)
(mask ROM)
Internal high-speed RAM
1024 bytes
Buffer RAM
32 bytes
Internal expansion RAM
None
2048 bytes
General-purpose register
8 bits
× 32 registers (8 bits × 8 registers × 4 banks)
Instruction cycle
With variable instruction execution time function
0.44
µs/0.88 µs/1.78 µs/3.56 µs/7.11 µs/14.22 µs (with 4.5-MHz crystal resonator)
Instruction set
• 16-bit operation
• Multiplication/division (8 bits
× 8 bits, 16 bits ÷ 8 bits)
• Bit manipulation (set, reset, test, Boolean operation)
• BCD adjustment, etc.
I/O port
Total
: 62 pins
CMOS input
:
1 pin
CMOS I/O
: 54 pins
N-ch open-drain I/O
:
4 pins
N-ch open-drain output :
3 pins
A/D converter
8-bit resolution
× 6 channels
Serial interface
• 3-wire/SBI/2-wire/I2C busNote mode selectable
: 1 channel
• 3-wire serial I/O mode
(with automatic transfer/receive function of up to 32 byte) : 1 channel
Timer
• Basic timer (timer carry FF (10 Hz))
: 1 channel
• 8-bit timer/event counter
: 2 channels
• 8-bit timer (D/A converter: PWM output) : 1 channel
• Watchdog timer
: 1 channel
Buzzer (BEEP) output
1.5 kHz, 3 kHz, 6 kHz
Vectored
Maskable interrupt
Internal: 8, external: 7
interrupt
Non-maskable interrupt
Internal: 1
Software interrupt
Internal: 1
Test input
Internal: 1
PLL frequency
Division mode
Two types
synthesizer
• Direct division mode (VCOL pin)
• Pulse swallow mode (VCOH and VCOL pins)
Reference frequency
12 types selectable by program (1, 1.25, 2.5, 3, 5, 6.25, 9, 10, 12.5, 25, 50 kHz)
Charge pump
Error out output: 2
Phase comparator
Unlock detectable by program
Frequency counter
• Frequency measurement
• AMIFC pin: for 450-kHz count
• FMIFC pin: for 450-kHz/10.7-MHz count
D/A converter (PWM output)
8-/9-bit resolution
× 3 channels (shared by 8-bit timer)
Note
When using the I2C bus mode (including when this mode is implemented by program without using the
peripheral hardware), consult your local NEC sales representative when you place an order for mask.
(1/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com