Electronic Components Datasheet Search
  English  ▼

X  

UPD178016 Datasheet(PDF) 46 Page - NEC

Part # UPD178016
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD178016 Datasheet(HTML) 46 Page - NEC

Back Button UPD178016 Datasheet HTML 42Page - NEC UPD178016 Datasheet HTML 43Page - NEC UPD178016 Datasheet HTML 44Page - NEC UPD178016 Datasheet HTML 45Page - NEC UPD178016 Datasheet HTML 46Page - NEC UPD178016 Datasheet HTML 47Page - NEC UPD178016 Datasheet HTML 48Page - NEC UPD178016 Datasheet HTML 49Page - NEC UPD178016 Datasheet HTML 50Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
46
µPD178004, 178006, 178016, 178018
11. PACKAGE DRAWINGS
A
B
60
61
40
K
L
80 PIN PLASTIC QFP (14
× 14)
80
1
21
20
41
G
detail of lead end
M
I
H
J
N
S80GC-65-3B9-3
ITEM
MILLIMETERS
INCHES
A
B
C
D
F
G
H
I
J
K
L
17.2±0.4
14.0±0.2
0.8
0.30±0.10
0.13
14.0±0.2
0.677±0.016
0.031
0.031
0.005
0.026 (T.P.)
0.551
NOTE
M
N
0.10
0.15
1.6±0.2
0.65 (T.P.)
0.004
0.006
+0.004
–0.003
Each lead centerline is located within 0.13
mm (0.005 inch) of its true position (T.P.) at
maximum material condition.
0.063±0.008
0.012
0.551
0.8±0.2
0.031
P
2.7
0.106
0.677±0.016
17.2±0.4
0.8
+0.009
–0.008
Q
0.1±0.1
0.004±0.004
S
3.0 MAX.
0.119 MAX.
+0.10
–0.05
+0.009
–0.008
+0.004
–0.005
+0.009
–0.008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com