Electronic Components Datasheet Search
  English  ▼

X  

UPD178016 Datasheet(PDF) 34 Page - NEC

Part # UPD178016
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD178016 Datasheet(HTML) 34 Page - NEC

Back Button UPD178016 Datasheet HTML 30Page - NEC UPD178016 Datasheet HTML 31Page - NEC UPD178016 Datasheet HTML 32Page - NEC UPD178016 Datasheet HTML 33Page - NEC UPD178016 Datasheet HTML 34Page - NEC UPD178016 Datasheet HTML 35Page - NEC UPD178016 Datasheet HTML 36Page - NEC UPD178016 Datasheet HTML 37Page - NEC UPD178016 Datasheet HTML 38Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
34
µPD178004, 178006, 178016, 178018
AC CHARACTERISTICS
(1) BASIC OPERATION (TA = –40 to +85
°C, VDD = 3.5 to 5.5 V)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Cycle time
TCY
fXX = fX/2Note 1, fX = 4.5 MHz operation
0.89
14.22
µs
(Minimum instruction
fXX = fXNote 2,
4.5
≤ VDD ≤ 5.5 V
0.44
7.11
µs
execution time)
fX = 4.5 MHz operation
3.5
≤ VDD < 4.5 V
0.89
7.11
µs
TI1, TI2 input
fTI
4.5
≤ VDD ≤ 5.5 V
0
4.5
MHz
frequency
3.5 V
≤ VDD ≤ 4.5 V
0
275
kHz
TI1, TI2 input high/
tTIH,
4.5
≤ VDD ≤ 5.5 V
111
ns
low-level width
tTIL
3.5 V
≤ VDD ≤ 4.5 V
1.8
µs
Interrupt input high/ TINTH,
INTP0
8/fsamNote 3
µs
low-level width
TINTL
INTP1-INTP6
10
µs
RESET low level
tRSL
10
µs
width
Notes 1. When oscillation mode selection (OSMS) register is set at 00H.
2. When OSMS is set at 01H.
3. In combination with bits 0 (SCS0) and 1 (SCS1) of sampling clock select register (SCS), selection
of fsam is possible between fXX/2N, fXX/32, fXX/64 and fXX/128 (when N = 0 to 4).
Remarks 1. fXX: System clock frequency (fX or fX/2)
2. fX: System clock oscillation frequency
TCY vs VDD (At FXX = FX/2 system clock operation)
TCY vs VDD (At FXX = FX system clock operation)
60
10
2.0
1.0
0.5
0.4
0
123
4
5
6
Power Supply Voltage VDD [V]
Operation
Guaranteed
Range
60
10
2.0
1.0
0.5
0.4
0
123
4
5
6
Power Supply Voltage VDD [V]
Operation
Guaranteed
Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com