Electronic Components Datasheet Search
  English  ▼

X  

UPD178016 Datasheet(PDF) 30 Page - NEC

Part # UPD178016
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD178016 Datasheet(HTML) 30 Page - NEC

Back Button UPD178016 Datasheet HTML 26Page - NEC UPD178016 Datasheet HTML 27Page - NEC UPD178016 Datasheet HTML 28Page - NEC UPD178016 Datasheet HTML 29Page - NEC UPD178016 Datasheet HTML 30Page - NEC UPD178016 Datasheet HTML 31Page - NEC UPD178016 Datasheet HTML 32Page - NEC UPD178016 Datasheet HTML 33Page - NEC UPD178016 Datasheet HTML 34Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
30
µPD178004, 178006, 178016, 178018
10. ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Parameter
Symbol
Test Conditions
Rating
Unit
Power supply voltage VDD
–0.3 to + 7.0
V
Input voltage
VI1
Excluding P60 to P63
–0.3 to VDD + 0.3
V
VI2
P60 to P63
N-ch Open-drain
–0.3 to +16
V
Output voltage
VO
–0.3 to VDD + 0.3
V
Output withstand
VBDS
P132 to P134
N-ch Open-drain
16
V
voltage
Analog input voltage VAN
P10 to P15
Analog input pin
–0.3 to VDD + 0.3
V
Output current high IOH
1 pin
–10
mA
P01 to P06, P30 to P37, P56, P57, P60 to P67,
–15
mA
P120 to P125 total
P10 to P15, P20 to P27, P40 to P47, P50 to P55,
–15
mA
P132 to P134 total
Output current low
IOL Note
1 pin
Peak value
15
mA
Effective value
7.5
mA
Operating ambient
TA
–40 to +85
°C
temperature
Storage temperature
Tstg
–65 to +150
°C
Note
Effective value should be calculated as follows: [Effective value] = [Peak value]
× √duty
Caution Product quality may suffer if the absolute maximum rating is exceeded for even a single
parameter even momentarily. That is, the absolute maximum ratings are rated values at which
the product is on the verge of suffering physical damage, and therefore the product must be
used under conditions which ensure that the absolute maximum ratings are not exceeded.
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Power supply voltage VDD1
During CPU operation and PLL operation.
4.5
5.5
V
VDD2
While the CPU is operating and the PLL is stopped.
3.5
5.5
V
Cycle Time: TCY
≥ 0.89
µs
VDD3
While the CPU is operating and the PLL is stopped.
4.5
5.5
V
Cycle Time: TCY = 0.44
µs
RECOMMENDED SUPPLY VOLTAGE RANGES (TA = –40 to +85
°C)
Remark TCY: Cycle Time (Minimum instruction execution time)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com