Electronic Components Datasheet Search
  English  ▼

X  

UPD178016 Datasheet(PDF) 37 Page - NEC

Part # UPD178016
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD178016 Datasheet(HTML) 37 Page - NEC

Back Button UPD178016 Datasheet HTML 33Page - NEC UPD178016 Datasheet HTML 34Page - NEC UPD178016 Datasheet HTML 35Page - NEC UPD178016 Datasheet HTML 36Page - NEC UPD178016 Datasheet HTML 37Page - NEC UPD178016 Datasheet HTML 38Page - NEC UPD178016 Datasheet HTML 39Page - NEC UPD178016 Datasheet HTML 40Page - NEC UPD178016 Datasheet HTML 41Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
37
µPD178004, 178006, 178016, 178018
(v) 2-wire serial I/O mode (SCK0 ... internal clock output)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
SCK0 cycle time
tKCY5
R = 1 k
Ω
1600
ns
SCK0 high-level width
tKH5
C = 100 pFNote
tKCY5/2 – 160
ns
SCK0 low-level width
tKL5
4.5 V
≤ VDD ≤ 5.5 V tKCY5/2 – 50
ns
3.5 V
≤ VDD < 4.5 V tKCY5/2 – 100
ns
SB0, SB1 setup time (to SCK0
↑)tSIK5
4.5 V
≤ VDD ≤ 5.5 V
300
ns
3.5 V
≤ VDD < 4.5 V
350
ns
400
ns
SB0, SB1 hold time (from SCK0
↑) tKSI5
600
ns
SB0, SB1 output delay time from
tKSO5
0
300
ns
SCK0
↓
Note
R and C are the load resistance and load capacitance of SCK0, SB0 and SB1 output line.
(vi) 2-wire serial I/O mode (SCK0 ... external clock input)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
SCK0 cycle time
tKCY6
1600
ns
SCK0 high-level width
tKH6
650
ns
SCK0 low-level width
tKL6
800
ns
SB0, SB1 setup time (to SCK0
↑)tSIK6
100
ns
SB0, SB1 hold time (from SCK0
↑) tKSI6
tKCY6/2
ns
SB0, SB1 output delay time from
tKSO6
R = 1 k
Ω
4.5 V
≤ VDD ≤ 5.5 V
0
300
ns
SCK0
↓
C = 100 pFNote 3.5 V
≤ VDD < 4.5 V
0
500
ns
SCK0 at rising or falling edge time tR6, tF6
1000
ns
Note
R and C are the load resistance and load capacitance of SB0 and SB1 output line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com